Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009-2ACEZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7009-2ACEZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2ACEZ Datasheet(HTML) 1 Page - Analog Devices

  ADPA7009-2ACEZ Datasheet HTML 1Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 2Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 3Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 4Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 5Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 6Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 7Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 8Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
ADPA7009-2
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated power-supply capacitors and bias inductors
►
Integrated AC coupling capacitors
►
Gain: 17.5 dB typical at 20 GHz to 35 GHz
►
Input return loss: 14 dB typical at 20 GHz to 35 GHz
►
Output return loss: 15 dB typical at 20 GHz to 35 GHz
►
OP1dB: 28 dBm typical at 20 GHz to 35 GHz
►
PSAT: 28.5 dBm typical at 20 GHz to 35 GHz
►
OIP3: 34.5 dBm typical at 20 GHz to 35 GHz
►
Noise figure: 7.5 dB typical at 20 GHz to 35 GHz
►
5 V supply voltage at 850 mA
►
50 Ω matched input and output
►
5.00 mm × 5.00 mm, 24-terminal chip array, small outline, no
lead cavity [LGA_CAV] package
APPLICATIONS
►
Military and space
►
Test instrumentation
GENERAL DESCRIPTION
The ADPA7009-2 is a gallium arsenide (GaAs), pseudomorphic
high-electron-mobility transistor (pHEMT), monolithic microwave in-
tegrated circuit (MMIC), 0.5 W power amplifier with an integrated
temperature-compensated, on-chip power detector that operates
between 20 GHz and 54 GHz. The amplifier provides a gain of 17.5
dB, an output power for 1 dB compression (OP1dB) of 28 dBm, and
a typical output third-order intercept (OIP3) of 34.5 dBm at 20 GHz
to 35 GHz. The ADPA7009-2 requires 850 mA from a 5 V supply
voltage (VDDx). The RF input and outputs are internally matched
and DC-blocked for ease of integration into higher level assemblies.
Most of the typically required external passive components for
operation (AC coupling capacitors and power supply decoupling
capacitors) are integrated, which facilitates a small, compact printed
circuit board (PCB) footprint. The ADPA7009-2 is available in a 5.00
mm × 5.00 mm, 24-terminal chip array, small outline, no lead cavity
[LGA_CAV] package.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADPA7009-2ACEZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7009C-KIT AD-ADPA7009C-KIT Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
More results

Similar Description - ADPA7009-2ACEZ

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com