Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009-2ACEZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADPA7009-2ACEZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2ACEZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPA7009-2ACEZ Datasheet HTML 16Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 17Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 18Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 19Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 20Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 21Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 22Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 23Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
ADPA7009-2
BIASING THE ADPA7009-2 WITH THE HMC980LP4E
analog.com
Rev. 0 | 20 of 24
The HMC980LP4E is an active bias controller that is designed to
meet the bias requirements for enhancement mode and depletion
mode amplifiers such as the ADPA7009-2. The controller provides
constant drain current biasing over temperature and device to
device variation, and properly sequences gate and drain voltages
to ensure the safe operation of the amplifier. The HMC980LP4E
also offers self-protection in the event of a short circuit, an internal
charge pump that generates the negative voltage needed on the
gate of the ADPA7009-2, and the option to use an external negative
voltage source. The HMC980LP4E is also available in die form as
the HMC980-Die.
Figure 68. HMC980LP4E Active Bias Control
APPLICATION CIRCUIT SETUP
Figure 69 shows an application circuit using the HMC980LP4E to
control the ADPA7009-2. When using an external negative supply
for VNEG, see the application circuit shown in Figure 70.
In the application circuit shown in Figure 69, the ADPA7009-2 drain
voltage (VDRAIN) and drain current (IDRAIN) are set by the following
equations:
VDD = VDRAIN + (IDRAIN × 0.85 Ω)
VDD = 5 V + (0.95 A × 0.85 Ω) = 5.81 V
where:
VDD and VDRAIN are in volts.
IDRAIN is in amperes.
R10 = (150 Ω × A) ÷ (IDRAIN)
R10 = (150 Ω × A) ÷ (0.95 A) = 158 Ω
where:
R10 is in ohms.
IDRAIN is in amperes.
LIMITING VGATE FOR THE ADPA7009-2 VGG
x
ABSOLUTE MAXIMUM RATING REQUIREMENT
When using the HMC980LP4E to control the ADPA7009-2, the
minimum voltages for VNEG and VGATE must be −1.5 V to keep
the voltages within the absolute maximum rating limit for the VGGx
pin of the ADPA7009-2. To set the minimum voltages, set R15 and
R16 to the values shown in Figure 69 and Figure 70. Refer to the
AN-1363 Application Note Meeting Biasing Requirements of Exter-
nally Biased RF/Microwave Amplifiers with Active Bias Controllers
for more information and calculations for R15 and R16.
The HMC980LP4E application circuits for biasing figures in
the AN-1363 Application Note are two examples of how the
HMC980LP4E is used as an active bias controller. Both application
circuits within the AN-1363 Application Note show the R5 and R7
resistors, which are analogous to the R15 and R16 resistors shown
in Figure 69 and Figure 70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com