Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009-2ACEZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7009-2ACEZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2ACEZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7009-2ACEZ Datasheet HTML 14Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 15Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 16Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 17Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 18Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 19Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 20Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 21Page - Analog Devices ADPA7009-2ACEZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
ADPA7009-2
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 24
The ADPA7009-2 is a GaAs, pHEMT, medium power amplifier with
integrated decoupling components. Figure 65 shows a simplified
block diagram. The drain current is set by the negative voltage ap-
plied to the VGG1 pin. The drain bias voltage is applied through the
VDD1 pin. The gate and drain can alternatively be biased through
the VGG2 and VDD2 pins. Bias inductors and 0.1 μF and 100
pF decoupling capacitors are integrated. The ADPA7009-2 uses a
cascaded, 4-stage amplifier operating in quadrature between two
90° hybrids.
The input signal is divided evenly in two. Each path is amplified
through four independent gain stages. The amplified signals are
then combined at the output. This balanced amplifier approach
forms an amplifier with a combined gain of 17.5 dB and a PSAT
value of 28.5 dBm. The gate pins are internally connected and can
be biased from either north or south of the circuit.
A portion of the RF output signal is directionally coupled to a diode
for detection of the RF output power. When the diode is DC biased,
the diode rectifies the RF power and makes the RF power available
for measurement as a DC voltage at VDET. To allow temperature
compensation of VDET, an identical and symmetrically located
circuit, minus the coupled RF power, is available through VREF.
Taking the difference of VREF − VDET provides a temperature-com-
pensated signal that is proportional to the RF output (see Figure
65).
Figure 65. ADPA7009-2 Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com