Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 30Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 31Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 32Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 33Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 34Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 35Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 36Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 37Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 126 page
background image
– 34 –
SETTING & ADJUSTING DATA
40"
HIGH VOLTAGE AT ZERO BEAM:
(A)
31.9 kV
MAX HIGH VOLTAGE:
(B)
32.5 kV
AV VOLTAGE
(C)
230 V
CHAPTER 2 SPECIFIC INFORMATIONS
SAFETY INSTRUCTIONS
Table-1
SERVICE MODE
ADJUSTING ITEMS AND DATAS IN THE SERVICE MODE:
Table-2
RCUT
GCUT
BCUT
RDRV
BDRV
CNTX
BRTC
COLC
TNTC
COLP
COLS
SCNT
BELL
SRY
SBY
R CUTOFF (B/W)
G CUTOFF (B/W)
B CUTOFF (B/W)
R DRIVE
B DRIVE
SUB CONTRAST MAX
SUB BRIGHT CEN
SUB COLOR CEN NTSC
SUB TINT CEN
SUB COLOR CEN PAL
SUB COLOR CEN SECAM
SUB CONTRAST
SECAM BELL FILTER
SECAM R-Y
SECAM B-Y
Item
Adjustment
Reference data
40H
40H
40H
40H
40H
7FH
80H
FDH
45H
50H
38H
07H
80H
08H
08H
Item
Adjustment
Reference data
HPOS
VPOS
HIT
GMPS
VLIN
VSC
VPS
VCP
WID
PARA
CNR
TRAP
HCP
VFC
50Hz H-POSITION
V-POSITION
HEIGHT
V-POSITION (RASTER)
V-LINEARITY
V-S CORRECTION
V-SHIFT
V-COMPENSATION
PICTURE WIDTH
E-W PARABOLA
E-W CORNER
TRAPEZIUM
H-COMPENSATION
V-F CORRECTION
0CH
01H
26H
00H
15H
26H
12H
05H
1EH
02H
10H
40H
04H
0FH
DESIGN MODE
ADJUSTING ITEMS AND DATAS IN THE DESIGN MODE:
RCUT
OPT1
OPT0
OSD
RCUT
Table-3
OPTION 1
OPTION 0
4CH
80H
4CH
4CH
80H
81H
Item
Name of adjustment
Preset Data
40PW03G
40PW03B
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com