Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 46 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 42Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 43Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 44Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 45Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 46Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 47Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 48Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 49Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 126 page
background image
– 46 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
R493
24552392
OMF, 3900 ohm, 1/2W
R494
24366183
CF, 18k ohm
R495
24366682
CF, 6800 ohm
R496
24382114
OMF, 110k ohm, 1W
R498
24366153
CF, 15k ohm
R499
24366824
CF, 820k ohm
R501
24872223
Chip, 22k ohm, 1/16W
R502
24872101
Chip, 100 ohm, 1/16W
R503
24872101
Chip, 100 ohm, 1/16W
R505
24872102
Chip, 1k ohm, 1/16W
R506
24872103
Chip, 10k ohm, 1/16W
R508
24872102
Chip, 1k ohm, 1/16W
R509
24872102
Chip, 1k ohm, 1/16W
R510
24872472
Chip, 4700 ohm, 1/16W
R511
24872101
Chip, 100 ohm, 1/16W
R515
24366102
CF, 1k ohm
R516
24366101
CF, 100 ohm
R516
24872101
Chip, 100 ohm, 1/16W
R517
24872101
Chip, 100 ohm, 1/16W
R518
24872472
Chip, 4700 ohm, 1/16W
R519
24872101
Chip, 100 ohm, 1/16W
R520
24872103
Chip, 10k ohm, 1/16W
R521
24872223
Chip, 22k ohm, 1/16W
R522
24872473
Chip, 47k ohm, 1/16W
R532
24000824
Chip, Jumper, 2125 type
R533
24000824
Chip, Jumper, 2125 type
R534
24000824
Chip, Jumper, 2125 type
R601
24366332
CF, 3300 ohm
R602
24366332
CF, 3300 ohm
R603
24366222
CF, 2200 ohm
R604
24366222
CF, 2200 ohm
R605
24366229
CF, 2.2 ohm
R606
24366229
CF, 2.2 ohm
R607
24366682
CF, 6800 ohm
R608
24366682
CF, 6800 ohm
R610
24366104
CF, 100k ohm
R611
24366103
CF, 10k ohm
R612
24366103
CF, 10k ohm
R613
24366224
CF, 220k ohm
R614
24366103
CF, 10k ohm
R635
24366224
CF, 220k ohm
R636
24366104
CF, 100k ohm
R661
24366103
CF, 10k ohm
R670
24552182
OMF, 1800 ohm, 1/2W
R671
24366153
CF, 15k ohm
R672
24366153
CF, 15k ohm
R673
24366563
CF, 56k ohm
R674
24366563
CF, 56k ohm
R675
24366103
CF, 10k ohm
R676
24872223
Chip, 22k ohm, 1/16W
R677
24366104
CF, 100k ohm
R677
24872223
Chip, 22k ohm, 1/16W
R678
24366103
CF, 10k ohm
R678
24872223
Chip, 22k ohm, 1/16W
R679
24366103
CF, 10k ohm
R679
24872223
Chip, 22k ohm, 1/16W
R680
24872223
Chip, 22k ohm, 1/16W
R681
24872223
Chip, 22k ohm, 1/16W
R682
24366473
CF, 47k ohm
R683
24366223
CF, 22k ohm
R684
24366223
CF, 22k ohm
R688
24366222
CF, 2200 ohm
R688
24552391
OMF, 390 ohm, 1/2W
R690
24552391
OMF, 390 ohm, 1/2W
R690
24872681
Chip, 680 ohm, 1/16W
R691
24872681
Chip, 680 ohm, 1/16W
R692
24872681
Chip, 680 ohm, 1/16W
R693
24872681
Chip, 680 ohm, 1/16W
R701
24872221
Chip, 220 ohm, 1/16W
R702
24872221
Chip, 220 ohm, 1/16W
R703
24872472
Chip, 4700 ohm, 1/16W
R704
24872472
Chip, 4700 ohm, 1/16W
R705
24872472
Chip, 4700 ohm, 1/16W
R706
24872472
Chip, 4700 ohm, 1/16W
R707
24872100
Chip, 10 ohm, 1/16W
R708
24872100
Chip, 10 ohm, 1/16W
R709
24872100
Chip, 10 ohm, 1/16W
R710
24872100
Chip, 10 ohm, 1/16W
R711
24872100
Chip, 10 ohm, 1/16W
R712
24872100
Chip, 10 ohm, 1/16W
R713
24872100
Chip, 10 ohm, 1/16W
R714
24872100
Chip, 10 ohm, 1/16W
R715
24872153
Chip, 15k ohm, 1/16W
R716
24872103
Chip, 10k ohm, 1/16W
R717
24872622
Chip, 6200 ohm, 1/16W
R718
24872152
Chip, 1500 ohm, 1/16W
R720
24872103
Chip, 10k ohm, 1/16W
R721
24872223
Chip, 22k ohm, 1/16W
R722
24872222
Chip, 2200 ohm, 1/16W
R725
24872754
Chip, 750k ohm, 1/16W
R726
24872331
Chip, 330 ohm, 1/16W
R727
24871221
Chip, 220 ohm, 1/8W
R728
24872393
Chip, 39k ohm, 1/16W
R729
24872153
Chip, 15k ohm, 1/16W
R735
24872911
Chip, 910 ohm, 1/16W
R736
24872911
Chip, 910 ohm, 1/16W
R737
24872152
Chip, 1500 ohm, 1/16W
R738
24872332
Chip, 3300 ohm, 1/16W
R739
24872362
Chip, 3600 ohm, 1/16W
R740
24872911
Chip, 910 ohm, 1/16W
R741
24872911
Chip, 910 ohm, 1/16W
R742
24872152
Chip, 1500 ohm, 1/16W
R743
24872332
Chip, 3300 ohm, 1/16W
R744
24872362
Chip, 3600 ohm, 1/16W
R745
24872911
Chip, 910 ohm, 1/16W
R746
24872911
Chip, 910 ohm, 1/16W
R747
24872152
Chip, 1500 ohm, 1/16W
R748
24872332
Chip, 3300 ohm, 1/16W
R749
24872362
Chip, 3600 ohm, 1/16W
R750
24872911
Chip, 910 ohm, 1/16W
R751
24872911
Chip, 910 ohm, 1/16W
R752
24872152
Chip, 1500 ohm, 1/16W
R753
24872332
Chip, 3300 ohm, 1/16W
R754
24872362
Chip, 3600 ohm, 1/16W
R755
24872911
Chip, 910 ohm, 1/16W
R756
24872911
Chip, 910 ohm, 1/16W
R757
24872152
Chip, 1500 ohm, 1/16W
R758
24872332
Chip, 3300 ohm, 1/16W
R759
24872362
Chip, 3600 ohm, 1/16W
R760
24872911
Chip, 910 ohm, 1/16W
R761
24872911
Chip, 910 ohm, 1/16W
R762
24872152
Chip, 1500 ohm, 1/16W
R763
24872332
Chip, 3300 ohm, 1/16W
R764
24872362
Chip, 3600 ohm, 1/16W
R778
24872101
Chip, 100 ohm, 1/16W
R779
24872101
Chip, 100 ohm, 1/16W
R780
24872101
Chip, 100 ohm, 1/16W
R781
24872101
Chip, 100 ohm, 1/16W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com