Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 57Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 58Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 59Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 60Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 61Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 62Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 63Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 64Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 126 page
background image
–63 –
– 64 –
POWER BOARD PB9404A
BOTTOM (FOIL) SIDE
1
2
3
4
C860
C863
C807
D803
C806
C801
F801
C805
D816
C867
P805B
C804
SR80
D856
C865
Q811
D814
R801
C813
Q810
C812
R858
R854
C881
C882
C883
C885
R855
L863
C884
C868
C866
L861
C856
C880
D860
L868
C879
L869
D854
C853
C861
C864
C862
L854
C888
C875
Z853
C869
C876
C874
L860
L862
GJ804
Z854
L870
Z856
L871
L801
L802
Q862
F860
D813
C825
R811
R812
D809
Q801
C821
D810
L803
R810
BB22B
D805
R818
D806
C830
C829
R814
R805
R806
T3.15A L/250V
1
2
3
4
T2.5A L/250V
+
+
+
+
+
+
L872
1
234
1
23
4
-
-
-
-
-
-
-
-
-
-
-
-
+
-
-
-
C889
F870
D862
R863
36V
-18V
18V
AUDIO
125V
7V
6V
5V
R823
D819
Q821
R822
D821
GJ802
GJ801
2
3
4
6
9
10
11
121314151617
C892
D892
-
-
-
D893
T4A L/250V
1
2
3
4
1
3
2
P881
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com