Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 60Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 61Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 62Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 63Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 64Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 65Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 66Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 67Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
– 68 –
TEXT BOARD PB9411A
BOTTOM (FOIL) SIDE
PF01A
ICF01
LF06
CF
LF01
LF13
+
15
10
26
52
30
27
CF09
DF02
XF01
CF05
CF08
LF05
CF03
12
4
56
7
10
11
12
13
14
15
15
20
35
40
45
+
CF18
CF17
+
+
CF04
89
3
DS-1107
CF11
10
RF06
RF03
RF04
CF01
RF30
RF28
RF05
QF02
CF14
RF26
RF11
QF03
RF12
RF13
RF08
RF09
RF10
RF33
CF13
GJ03
QF06
GJ01
GJ05
RF02
RF01
CF07
RF15
+
-
-
-
-
B
C
C
B
E
C
B
E
E
B
C
C
E
B
C
E
B
C
EB
+9V
CF20
+
QF11
RF39
DF09
DF08
GJ09
GJ08
GJ11
RF34
CF15
LF12
LF
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com