Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 47Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 48Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 49Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 50Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 51Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 52Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 53Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 54Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 126 page
background image
– 51 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
RW30
24552100
OMF, 10 ohm, 1/2W
RW30
24872152
Chip, 1500 ohm, 1/16W
RW31
24552331
OMF, 330 ohm, 1/2W
RW31
24872101
Chip, 100 ohm, 1/16W
RW32
24366820
CF, 82 ohm
RW32
24872101
Chip, 100 ohm, 1/16W
RW33
24366683
CF, 68k ohm
RW33
24872102
Chip, 1k ohm, 1/16W
RW34
24366820
CF, 82 ohm
RW34
24872271
Chip, 270 ohm, 1/16W
RW35
24366683
CF, 68k ohm
RW35
24872392
Chip, 3900 ohm, 1/16W
RW36
24366330
CF, 33 ohm
RW36
24872152
Chip, 1500 ohm, 1/16W
RW37
24366152
CF, 1500 ohm
RW37
24872101
Chip, 100 ohm, 1/16W
RW38
24366102
CF, 1k ohm
RW39
24366152
CF, 1500 ohm
RW40
24366330
CF, 33 ohm
RW41
24366279
CF, 2.7 ohm
RW41
24872101
Chip, 100 ohm, 1/16W
RW42
24366279
CF, 2.7 ohm
RW42
24872101
Chip, 100 ohm, 1/16W
RW43
24554221
OMF, 220 ohm, 2W
RW43
24872182
Chip, 1800 ohm, 1/16W
RW44
24366122
CF, 1200 ohm
RW44
24872181
Chip, 180 ohm, 1/16W
RW45
24366122
CF, 1200 ohm
RW46
24872101
Chip, 100 ohm, 1/16W
RW47
24872222
Chip, 2200 ohm, 1/16W
RW60
24000824
Chip, Jumper, 2125 type
RW61
24872472
Chip, 4700 ohm, 1/16W
RW62
24872622
Chip, 6200 ohm, 1/16W
RW63
24872101
Chip, 100 ohm, 1/16W
RW64
24872101
Chip, 100 ohm, 1/16W
RW65
24872101
Chip, 100 ohm, 1/16W
RW66
24872681
Chip, 680 ohm, 1/16W
RW67
24872222
Chip, 2200 ohm, 1/16W
RW68
24872222
Chip, 2200 ohm, 1/16W
RW69
24872222
Chip, 2200 ohm, 1/16W
RW70
24872333
Chip, 33k ohm, 1/16W
RW71
24872182
Chip, 1800 ohm, 1/16W
RW72
24872182
Chip, 1800 ohm, 1/16W
RW73
24872103
Chip, 10k ohm, 1/16W
RW74
24872332
Chip, 3300 ohm, 1/16W
RW76
24872182
Chip, 1800 ohm, 1/16W
RW77
24000824
Chip, Jumper, 2125 type
RW78
24000824
Chip, Jumper, 2125 type
RW79
24000824
Chip, Jumper, 2125 type
RW80
24872331
Chip, 330 ohm, 1/16W
RW81
24872331
Chip, 330 ohm, 1/16W
RW82
24872102
Chip, 1k ohm, 1/16W
RW83
24872103
Chip, 10k ohm, 1/16W
RW84
24872102
Chip, 1k ohm, 1/16W
RW85
24000824
Chip, Jumper, 2125 type
RW89
24872102
Chip, 1k ohm, 1/16W
RW90
24000824
Chip, Jumper, 2125 type
RW91
24872103
Chip, 10k ohm, 1/16W
RW92
24872103
Chip, 10k ohm, 1/16W
RW93
24872101
Chip, 100 ohm, 1/16W
RW94
24872101
Chip, 100 ohm, 1/16W
RW95
24872101
Chip, 100 ohm, 1/16W
RW96
24872102
Chip, 1k ohm, 1/16W
RW100
24872563
Chip, 56k ohm, 1/16W
RW101
24872393
Chip, 39k ohm, 1/16W
RW102
24872563
Chip, 56k ohm, 1/16W
RW103
24872393
Chip, 39k ohm, 1/16W
RW104
24872682
Chip, 6800 ohm, 1/16W
RW105
24872392
Chip, 3900 ohm, 1/16W
RW107
24872103
Chip, 10k ohm, 1/16W
RW108
24872333
Chip, 33k ohm, 1/16W
RW109
24872103
Chip, 10k ohm, 1/16W
RW110
24872333
Chip, 33k ohm, 1/16W
RW114
24872563
Chip, 56k ohm, 1/16W
RW116
24872222
Chip, 2200 ohm, 1/16W
RZ01
24872102
Chip, 1k ohm, 1/16W
RZ02
24872102
Chip, 1k ohm, 1/16W
RZ03
24872332
Chip, 3300 ohm, 1/16W
RZ04
24872102
Chip, 1k ohm, 1/16W
RZ05
24872221
Chip, 220 ohm, 1/16W
RZ06
24872821
Chip, 820 ohm, 1/16W
RZ07
24872101
Chip, 100 ohm, 1/16W
RZ08
24872471
Chip, 470 ohm, 1/16W
RZ09
24872101
Chip, 100 ohm, 1/16W
RZ10
24872222
Chip, 2200 ohm, 1/16W
RZ11
24872101
Chip, 100 ohm, 1/16W
RZ12
24872102
Chip, 1k ohm, 1/16W
RZ13
24872102
Chip, 1k ohm, 1/16W
RZ14
24872102
Chip, 1k ohm, 1/16W
RZ15
24872102
Chip, 1k ohm, 1/16W
RZ17
24872221
Chip, 220 ohm, 1/16W
RZ18
24872471
Chip, 470 ohm, 1/16W
RZ19
24872102
Chip, 1k ohm, 1/16W
RZ20
24872101
Chip, 100 ohm, 1/16W
RZ22
24872222
Chip, 2200 ohm, 1/16W
RZ29
24872331
Chip, 330 ohm, 1/16W
RZ30
24872331
Chip, 330 ohm, 1/16W
COILS & TRANSFORMERS
COILS & TRANSFORMERS
COILS & TRANSFORMERS
COILS & TRANSFORMERS
COILS & TRANSFORMERS
L101
23221803
Coil, Choke, TLN3040D
L200
23289479
Coil, Peaking, TRF44R7AF
L201
23289100
Coil, Peaking, TRF4100AF
L301
23103859
Coil (Ferrite Bead), TEM2011
L303
23237975
Coil, Peaking, TRF4101AC
L333
23238702
Coil, Peaking, TRF4101AJ
L400
23289101
Coil, Peaking, TRF4101AF
L441
23233977
Coil, Linearity, TLN2203AG
L441A
23960136
Adhesive, TSE3843-W
L442
23248186
Coil, Choke, TLN3346AD
L461
23248115
Coil, Choke, TLN3367D
* L462
23231220
Deflection Yoke, TDY707JT(R)
* L463
23231220
Deflection Yoke, TDY707JT(R)
* L464
23231220
Deflection Yoke, TDY707JT(R)
L465
23103880
Coil (Ferrite Bead), TEM2011Y
L472
23102441
Magnet, MAG-1094
L473
23102441
Magnet, MAG-1094
L474
23102441
Magnet, MAG-1094
L501
23289100
Coil, Peaking, TRF4100AF
L503
23289470
Coil, Peaking, TRF4470AF
L510
23238718
Coil, Peaking, TRF4479AJ
L512
23103845
Coil, TEM2030AY
L513
23103845
Coil, TEM2030AY
L676
23103832
Chip (Ferrite Bead),
TEM2125M
L677
23103832
Chip (Ferrite Bead),
TEM2125M
L682
23103832
Chip (Ferrite Bead),
TEM2125M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com