Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8607
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8607 Datasheet HTML 3Page - Analog Devices LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices LT8607 Datasheet HTML 10Page - Analog Devices LT8607 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC9111
7
Rev. 0
For more information www.analog.com
OPERATION
PRODUCT OVERVIEW
The LTC9111 is the world’s first IEEE 802.3cg compliant
PD controller. It presents a valid wakeup signature to the
PSE in order to request power. It also supports the Serial
Communication Classification Protocol (SCCP) to com-
municates the configured voltage and current levels to the
PSE during classification. The LTC9111 monitors the port
voltage to control inrush and enable/disable the applica-
tion appropriately and safely. The LTC9111 is designed
to implement a Type E PD, compliant with a 10Base-T1L
PHY. The LTC9111 does not support the optional feature
of cable resistance measurement.
LTC9111 implements the necessary circuitry to imple-
ment an IEEE 802.3cg compliant PD design. The appli-
cation circuit of the LTC9111 uses external MOSFETs to
minimize power loss, optimize system cost, and improve
fault tolerance.
The IEEE 802.3cg mandated polarity insensitivity require-
ment is addressed using low-side rectifying MOSFETs.
External diodes are required for high-side polarity cor-
rection and back-feed prevention. The LTC9111 monitors
the unrectified voltage for classification and state naviga-
tion. Input polarity is sensed and rectified automatically.
The LTC9111 drives a pair of external MOSFETs when
transmitting a logic low during classification, regardless
of the input polarity. An external high-side MOSFET is
used to isolate the load circuitry and capacitance from the
PD Power Interface (PI); this allows system designers to
overcome restrictions imposed by the standard.
TECHNOLOGY OVERVIEW
Power over Data Lines, or PoDL, is a standard protocol
for sending DC power over two-wire copper Ethernet data
cables. PoDL is similar in concept to traditional Power
over Ethernet (PoE) but differs significantly in definition
and implementation. The differences stem mainly from
the unique power coupling techniques used in a two-
wire powering circuit, as opposed to PoE’s four and eight
wire, pair-oriented powering techniques. PoDL enables
the simultaneous transmission of power and data over
a single conductor pair, e.g., balanced twisted pair or
coaxial cable. Figure  1 illustrates one possible PoDL
circuit architecture.
VBAT
PHY
L3
L4
L1
L2
C3
C4
C1
C2
PHY
MDI/PI
MDI/PI
LINK SEGMENT
PD
PSE
4297 F01
Figure 1. Basic PoDL Circuit Architecture
IEEE 802.3bu (PoDL) was ratified in 2016. Multiple com-
plementary data standards are already ratified or are in
development, ranging from 10Mbps to 10Gbps and higher.
IEEE 802.3bu defines protocols for detecting, classifying,
powering, disconnecting, and standby power operation.
In 2019, the IEEE extended the PoDL standard (802.3cg)
to accommodate long reach protocol 10Base-T1L, with
cable lengths of up to 1km.
The Ethernet Alliance adopted a family of standard Power
over Ethernet acronyms to differentiate the types and gen-
erations of PoE. As such, Single-Pair Power over Ethernet
is referred to as SPoE and is a common name for 802.3cg
technology. PoDL refers to Clause 104 in 802.3 standard.
The IEEE standard also defines PoDL terminology. A device
that provides power to the network is known as power
sourcing equipment, or PSE. A device that draws power
from the network is known as a powered device, or PD.
PoDL BASICS
Common xBase-T1 Ethernet data connections consist of
a single pair of wires, AC coupled at each end to avoid
ground loops. Unlike PoE systems that transmit power
common mode to the data, PoDL systems duplex power
and data over a single pair of cables. IEEE 802.3cg defines
the classification-based power delivery protocol for the
PSE and PD. The classification protocol is defined to
ensure PSE and PD class compatibility and to avoid apply-
ing power into a short circuits, open circuits, or incom-
patible Ethernet equipment.
Upon connection to a PD, a PSE performs detection/clas-
sification before applying full operating voltage to the PD.
During classification, the PSE communicates with the PD
to request information such as the PD Class, the PD Type,
and cable resistance measurement support. Based on
cable resistance and available power, a PSE and PD nego-
tiate allocation of power to the PD. If the PSE determines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com