Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8607
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8607 Datasheet HTML 12Page - Analog Devices LT8607 Datasheet HTML 13Page - Analog Devices LT8607 Datasheet HTML 14Page - Analog Devices LT8607 Datasheet HTML 15Page - Analog Devices LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices LT8607 Datasheet HTML 19Page - Analog Devices LT8607 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC9111
17
Rev. 0
For more information www.analog.com
220nF
M1
CGATE
R1
M5
M4
RGATE
D1
D2
M2
C2
C1
CSTBY
M3
R4
R3
R2
C3
L2
CBULK
D3
RBULK
STBY
SNS1
SNS2
IN
GND
GATE
EN
CLASSC*
CLASSV*
ADIN1100
LTC9111
OUT
LGATE1
LGATE2
SCCP
22nF
100V
NPO
3.3
1/4W
2.2µF
6.3V
3.3
1/4W
3.3
1/4W
150nF
100V
X7R
47nF
100V
X7R
47nF
100V
X7R
100V
X7R
220nF
100V
X7R
FROM
PSE
40
1/4W
100
10k
BSS123
BSS123
T1
ICI70CGI-222N
47 F
*CLASSC/CLASSV TO BE CONFIGURED AS STATED IN TABLE 3.
IN
GND
EN
ISOLATED/
NON-ISOLATED
DC/DC
REGULATOR
VREG
OUT+
OUT–
9111 TA03
PARTS SUITABLE FOR ALL CLASSES
INPUT BRIDGE RECTIFIER HIGH SIDE DIODES (D1, D2): NEXPERIA, PMEG10020AELRX
INPUT BRIDGE RECTIFIER LOW SIDE FETS (M4, M5): NEXPERIA, BUK9M120-100EX OR
DUAL FET: NEXPERIA, BUK9K134-100EX
SCCP PULLDOWN FETS (M2, M3): ONSEMI, BSS123LT1G
INPUT TVS (D3): NEXPERIA, PTVS58VP1UTP
PD HOT SWAP FET (M1): NEXPERIA, PSMN075-100MSEX
1M
1206
1M
1206
L1
10k
1206
10k
1206
Circuit for Classes 10 through 14
TYPICAL APPLICATION
Table 3. Recommendations for IEEE 802.3cg Classes
IEEE 802.3cg
PSE CLASS
SPoE INDUCTOR
(L1)
POWER + DATA CMC
(L2)
OUTPUT BULK
CAPACITOR (CBULK)
CLASSV
CLASSC
CLASS 10
MSD7342-683
PID75-650M
DR334A-474BE
B82793C0474N215
47µF, 50V
GND
GND
CLASS 11
FLOAT
CLASS 12
MSD1048H-683
PID100-650M
SRF0905A-471Y
RCM70CGI-471N
STBY
CLASS 13
MSD7342-683
PID75-650M
DR334A-474BE
B82793C0474N215
47µF, 100V
STBY
GND
CLASS 14
MSD1048H-683
PID100-650M
SRF0905A-471Y
RCM70CGI-471N
FLOAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com