Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8607
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8607 Datasheet HTML 10Page - Analog Devices LT8607 Datasheet HTML 11Page - Analog Devices LT8607 Datasheet HTML 12Page - Analog Devices LT8607 Datasheet HTML 13Page - Analog Devices LT8607 Datasheet HTML 14Page - Analog Devices LT8607 Datasheet HTML 15Page - Analog Devices LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC9111
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
their nominal capacitance when biased at higher voltages.
If the effective capacitance is reduced under DC bias, the
LC tank formed by the power coupling magnetics and the
bypass capacitor will be resonant.
INPUT POLARITY CORRECTION
IEEE 802.3cg requires polarity insensitive PDs to facili-
tate fool-proof field installation with screw terminals. The
LTC9111 drives external MOSFETs (M4/M5, Figure 9) for
polarity correction on the low-side and relies on external
Schottky diodes (D1/D2) to rectify the high-side voltage.
Active low-side rectification minimizes power losses and
also helps overcome circuit start-up challenges posed by
the constraints of the standard.
When the port is first initialized, a compliant PoDL PSE
will bias the port at a voltage of VSLEEP, which may be
as low as 3.1V. The voltage available to bias the PD con-
troller is even lower, due to the drop (VD(Schottky)) across
the high-side rectifying diodes and the body diode of the
low-side MOSFET. The LTC9111 is guaranteed to enhance
the low-side rectifying MOSFET at startup, as long as the
voltage between IN and GND is greater than 1.6V. Once
the low-side rectifying MOSFET is on, the voltage at the
input to the LTC9111 increases according to Equation 2.
VIN = VSLEEP – VD(Schottky) – I(PORT) • RDS(ON)
(2)
Since port currents are in the mA range while the port
is in the WAKEUP and CLASSIFICATION states, the drop
over the external MOSFET is expected to be very small. In
order to ensure that the LTC9111 provides a valid wakeup
signature, the voltage at the IN pin should be at least 2.3V
in the WAKEUP state. The drop across a traditional silicon
diode may be too high, especially at cold temperatures.
For this reason, Schottky diodes are recommended for
high-side rectification, even in cases where power dis-
sipation is not critical. Since the full application current
flows through the high-side Schottky diodes once the port
is powered up, they must meet the current and power-dis-
sipation requirements of the application.
C1
R1
C2
LTC9111
IN
GND
SCCP
VPD1
VPD2
HIGH-SIDE POWER
RECTIFICATION
LOW-SIDE POWER
RECTIFICATION
SCCP SIGNALING
POWER
COUPLING
NETWORK
SENSE
SNUBBER
INPUT
SNUBBER
LGATE1
LGATE2
REMOTE SENSE
SNS1
SNS2
D1
D2
M2
M3
M4
M5
C3
R2
R3
R4
9111 F09
Figure 9. External Components for Power Rectification, Sensing, and SCCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com