Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8607
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 1 Page - Analog Devices

  LT8607 Datasheet HTML 1Page - Analog Devices LT8607 Datasheet HTML 2Page - Analog Devices LT8607 Datasheet HTML 3Page - Analog Devices LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC9111
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Industrial SPoE PD Controller
The LTC®9111 is an IEEE 802.3cg compliant Single-Pair
Power over Ethernet (SPoE) Powered Device (PD) con-
troller. A wide 2.3V to 60V operating range capability with
polarity correction make the LTC9111 particularly well
suited for classification-based systems in building and
factory automation.
SCCP-based classification ensures full operating voltage
is applied by the Power Sourcing Equipment (PSE) only
when a valid PD is connected. The LTC9111 drives two
external N-channel MOSFET switches during classification
with micropower operation to minimize reservoir capaci-
tor requirements. An external N-channel MOSFET switch
isolates the output capacitance from the connector during
classification and inrush. A voltage supervisor enables the
external MOSFET when the PD input voltage exceeds the
ON voltage threshold for the configured class and after a
mandated delay. The EN output asserts after the controlled
GATE pin ramp-up. The MOSFET is disabled if the input
voltage drops below the OFF voltage threshold for the
configured class. The LTC9111 drives a pair of external
low-side N-channel MOSFETs with a low start-up voltage
of 1.6V for polarity correction with reduced power losses.
APPLICATIONS
n
IEEE 802.3cg Compliant
n
Wide Input Voltage Range: 2.3V to 60V
n
Supports Serial Communication Classification
Protocol (SCCP)
n
Wakeup Signature
n
Integrated 3.5V Standby Regulator
n
150µA Maximum Current During Classification
n
Drives Low-Side Bridge MOSFETs for Polarity Correction
n
Charge Pump Enhances External N-Channel MOSFET
n
Pin Programmable Class Configuration
n
Available in 12-Pin MSOP and DFN
4mm × 3mm Packages
n
Building Automation
n
Factory Automation
n
Security Systems
n
Traffic Control Systems
All registered trademarks and trademarks are the property of their respective owners.
47nF
150nF
2.2µF
STBY
SNS1
SNS2
IN
GND
GATE
EN
CLASSC
CLASSV
ADIN1100
LTC9111
OUT
LGATE1
LGATE2
SCCP
DC/DC
CONVERTER
EN
GND
IN
FROM PSE
VREG
9111 TA01
BSS123
BSS123


Similar Part No. - LT8607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8607 AD-LT8607 Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
LT8607-5MSE AD-LT8607-5MSE Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8607B AD-LT8607B Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results

Similar Description - LT8607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
logo
Core Technology (Shenzh...
CS32G020 CHIPSEA-CS32G020 Datasheet
1Mb / 45P
32 Type-C & PD controller
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
logo
Diodes Incorporated
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771V DIODES-AP43771V Datasheet
792Kb / 14P
HIGH-PERFORMANCE USB PD CONTROLLER
Rev. 5 - 2 December 2021
logo
Analog Devices
LTC4296-1 AD-LTC4296-1 Datasheet
1Mb / 46P
5-Port SPoE PSE Controller
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com