Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8607
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices LT8607 Datasheet HTML 10Page - Analog Devices LT8607 Datasheet HTML 11Page - Analog Devices LT8607 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC9111
8
Rev. 0
For more information www.analog.com
that the connected PD is compatible, it proceeds to apply
full operating voltage to the PD. In order to stay fully
powered, the PD is required to present a valid Maintain
Full Voltage Signature (MFVS). If the PD is disconnected
or goes to sleep, the PSE detects the absence of MFVS
and removes full operating voltage. The PSE also removes
full operating voltage in the event of a fault.
After removing the full operating voltage, the PSE pro-
vides a very low power standby voltage (3.3V). The
PD can request wakeup in this condition by presenting
a wakeup current signature to the PSE. Thereafter, the
PSE may begin the sequence again to re-establish full
operating voltage.
PORT STATE MACHINE SEQUENCE
The LTC9111 implements a voltage-driven PD state
machine as defined by the IEEE 802.3cg standard. Figure 2
illustrates the time-domain sequence of powering up after
the initial application of power.
In a compliant PoDL system, the PSE will initially apply
voltage in the range of VSLEEP (typical 3.3V). When power is
first applied to the LTC9111, it enters the WAKEUP state. In
the WAKEUP state, the LTC9111 alerts the PSE to its presence
with a wakeup signature, IWAKEUP_PD (typically 1.55mA).
An IEEE 802.3cg compliant PSE and PD perform the
classification step using the Serial Communication
Classification Protocol (see Power Class and SCCP) and
the PSE evaluates if the PD is compatible. If it is, the PSE
proceeds to ramp the port voltage.
The LTC9111 monitors the port voltage as it ramps. Once
the port voltage crosses a threshold of VON, and after
a mandated delay of tPWRDLY, the LTC9111 enters the
MDI_POWER2 state. The LTC9111 ramps up the GATE
pin, turning on the external MOSFET and inrushing the
application capacitance. After inrush, the EN pin is pulled
high to enable the PD application.
WAKEUP
CLASSIFICATION
MDI_POWERDELAY
TIME
9111 F02
MDI_POWER2
MDI_POWER1
DISCONNECT
3.3V
1.55mA
VEN
VOUT
VGATE
VPD
0V
5V
IPD
tPWRDLY
VSIG_DIS
VON
IINRUSH
IOPERATING
VOFF
VSIG_EN
VGATE
VOUT
3.3V
SCCP
SCCP
• • •
• • •
• • •
Figure 2. LTC9111 State Machine Sequence (Not to Scale)
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com