Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T6 Datasheet(PDF) 13 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 13 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 9Page - IDEC Corporation LS-T6 Datasheet HTML 10Page - IDEC Corporation LS-T6 Datasheet HTML 11Page - IDEC Corporation LS-T6 Datasheet HTML 12Page - IDEC Corporation LS-T6 Datasheet HTML 13Page - IDEC Corporation LS-T6 Datasheet HTML 14Page - IDEC Corporation LS-T6 Datasheet HTML 15Page - IDEC Corporation LS-T6 Datasheet HTML 16Page - IDEC Corporation LS-T6 Datasheet HTML 17Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
13
Small, unibody emergency stop switches suitable for equipment with small mounting space.
Requires only ø16mm × 19.5mm for installation.
• ø29mm and ø40mm mushroom operators
• Degree of protection IP65 and IP40 (IEC 60529)
• Dark red (Munsell 5R4/12) and bright red (Munsell
7.5R4.5/14) colors for operators of emergency stop
switches, and yellow/gray for stop switch operators.
• Gold-plated crossbar contacts
• Push-to-lock, pull or turn-to-reset operator
• UL, c-UL recognized. EN compliant.
• Safety lock mechanism (IEC 60947-5-5, 6.2)
• Direct opening action mechanism
(IEC 60947-5-5, 5.2, IEC60947-5-1, Annex K)
Standards
Applicable Standards
Mark
File No. or Organization
UL508
CSA C22.2 No.14
UL/c-UL Recognition
File No.E68961
EN60947-5-1
EN60947-5-5 (note)
TÜV SÜD
EU Low Voltage Directive
GB14048.5
CCC No. 2008010305286343
Note: Except for stop switch (yellow and gray button)
Contact Ratings
Rated Insulation Voltage (Ui)
250V
Thermal Current (Ith)
5A
Rated Operating Voltage (Ue)
30V
125V
250V
Rated
Operating
Current
AC
50/60Hz
Resistive Load
(AC-12)
—
5A
3A
Inductive Load
(AC-15)
—
3A
1.5A
DC
Resistive Load
(DC-12)
2A
0.4A
0.2A
Inductive Load
(DC-13)
1A
0.22A
0.1A
• Minimum applicable load: 5V AC/DC, 1 mA (reference value)
(May vary depending on the operating conditions and load.)
• The rated operating currents are measured at resistive/inductive
loads as specified in IEC 60947-5-1.
Specifications
Applicable Standards
IEC 60947-5-1, EN 60947-5-1
IEC 60947-5-5 (Note), EN 60947-5-5 (Note)
JIS C8201-5-1, UL508, CSA C22.2 No.14
GB14048.5
Operating Temperature −25 to +60°C (no freezing)
Storage Temperature
−45 to +80°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Operating Force
Push-to-lock: 10.5N
Pull to reset: 10N
Turn to reset: 0.16 N·m
Minimum Force
Required for Direct
Opening Action
40N
Minimum Operator
Stroke Required for
Direct Opening Action
4.0 mm
Maximum Operator
Stroke
4.5 mm
Contact Resistance
50 m
Ω maximum (initial value)
Insulation Resistance
100 M
Ω minimum (500V DC megger)
Overvoltage Category II
Impulse Withstand Voltage 2.5 kV
Pollution Degree
3
Operating Frequency
900 operations/hour
Shock Resistance
Operating extremes: 150 m/s2
Damage limits:
1000 m/s2
Vibration Resistance
Operating extremes: 10 to 500 Hz,
amplitude 0.35mm, acceleration 50 m/s2
Damage limits:
10 to 500 Hz,
amplitude 0.35 mm, acceleration 50 m/s2
Durability
Mechanical: 250,000
Electrical:
100,000
250,000 (24V AC/DC, 100mA)
Degree of Protection
IP65, IP40 (IEC 60529)
Short-circuit
Protection
250V/10A fuse
(Type aM IEC 60269-1/IEC 60269-2)
Conditional
Short-circuit Current
1000A
Terminal Style
Solder terminal, Solder/tab #110 terminal
Recommended Tightening
Torque for Locking Ring
0.88 N·m
Applicable Wire Size
1.25 mm2 maximum (AWG16 maximum)
Terminal Soldering
Condition
310 to 350°C, within 3 seconds
Weight (approx.)
ø29mm mushroom: 14g
ø40mm mushroom: 17g
Note: Except for stop switches (operator color: yellow and gray)
Solder Terminal
IP65
(body color: yellow)
Solder/tab #110
Solder Terminal
IP40
(body color: black)
XA Series Emergency Stop Switches (Unibody)
ø16
XA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com