Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T6 Datasheet(PDF) 63 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 63 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 56Page - IDEC Corporation LS-T6 Datasheet HTML 57Page - IDEC Corporation LS-T6 Datasheet HTML 58Page - IDEC Corporation LS-T6 Datasheet HTML 59Page - IDEC Corporation LS-T6 Datasheet HTML 60Page - IDEC Corporation LS-T6 Datasheet HTML 61Page - IDEC Corporation LS-T6 Datasheet HTML 62Page - IDEC Corporation LS-T6 Datasheet HTML 63Page - IDEC Corporation LS-T6 Datasheet HTML 64Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
63
Stop Switches
ø22mm XW series Stop Switches Pushlock Pull / Turn Reset (Screw Terminal)
Package quantity: 1
Description & Shape
Main Contact
Monitor
Contact
Part No.
IP20 Terminal
w/Terminal Cover
ø40mm Mushroom
1NC
—
XW1E-BV401MFY
XW1E-BV401MY
2NC
—
XW1E-BV402MFY
XW1E-BV402MY
3NC
—
XW1E-BV403MFY
XW1E-BV403MY
4NC
—
XW1E-BV404MFY
XW1E-BV404MY
1NC
1NO
XW1E-BV411MFY
XW1E-BV411MY
2NC
1NO
XW1E-BV412MFY
XW1E-BV412MY
3NC
1NO
XW1E-BV413MFY
XW1E-BV413MY
2NC
2NO
XW1E-BV422MFY
XW1E-BV422MY
• Pushlock, pull or turn reset is locked when pressed, and reset when pulled or turned clockwise.
• Specify IP20 terminal or terminal cover with the Part No.
• IP20 terminal type can be connected using solid wires only.
• See page 21 for specifications and instructions.
ø22mm HW series Stop Switches
Package quantity: 1
Description & Shape
Contact
Configuration
Part No.
ø29mm Mushroom
ø40mm Mushroom
ø60mm Jumbo Mushroom
Pushlock Turn Reset
1NC
HW1B-V301Y
HW1B-V401Y
HW1B-V501Y
1NO-1NC
HW1B-V311Y
HW1B-V411Y
HW1B-V511Y
2NC
HW1B-V302Y
HW1B-V402Y
HW1B-V502Y
2NO-2NC
HW1B-V322Y
HW1B-V422Y
HW1B-V522Y
Push-Pull
ø40mm Mushroom
(2-position)
1NC
—
HW1B-Y201Y
—
1NO-1NC
—
HW1B-Y211Y
—
2NC
—
HW1B-Y202Y
—
• Pushlock turn reset is locked when pressed, and reset when turned clockwise.
• Push-pull is a 2-position switch which is maintained in both pressed and reset (pull) positions.
• See page 32 for specifications and instructions.
(Photo: ø29mm
Mushroom)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com