Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T6 Datasheet(PDF) 16 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 16 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 12Page - IDEC Corporation LS-T6 Datasheet HTML 13Page - IDEC Corporation LS-T6 Datasheet HTML 14Page - IDEC Corporation LS-T6 Datasheet HTML 15Page - IDEC Corporation LS-T6 Datasheet HTML 16Page - IDEC Corporation LS-T6 Datasheet HTML 17Page - IDEC Corporation LS-T6 Datasheet HTML 18Page - IDEC Corporation LS-T6 Datasheet HTML 19Page - IDEC Corporation LS-T6 Datasheet HTML 20Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
16
Non-illuminated
Pushlock Pull/Turn Reset (Solder Terminal/PC Board Terminal)
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color Code
Solder Terminal
PC Board Terminal
ø29mm Mushroom
1NC
—
XA1E-BV301➀
XA1E-BV301V➀
R:
Dark red
RH: Bright
red
2NC
—
XA1E-BV302➀
XA1E-BV302V➀
3NC
—
XA1E-BV303➀
XA1E-BV303V➀
4NC
—
XA1E-BV304➀
XA1E-BV304V➀
1NC
1NO
XA1E-BV311➀
XA1E-BV311V➀
2NC
1NO
XA1E-BV312➀
XA1E-BV312V➀
3NC
1NO
XA1E-BV313➀
XA1E-BV313V➀
ø40mm Mushroom
1NC
—
XA1E-BV401➀
XA1E-BV401V➀
2NC
—
XA1E-BV402➀
XA1E-BV402V➀
3NC
—
XA1E-BV403➀
XA1E-BV403V➀
4NC
—
XA1E-BV404➀
XA1E-BV404V➀
1NC
1NO
XA1E-BV411➀
XA1E-BV411V➀
2NC
1NO
XA1E-BV412➀
XA1E-BV412V➀
3NC
1NO
XA1E-BV413➀
XA1E-BV413V➀
• Specify a color code in place of ➀ in the Part No.
• Terminal cover (XA9Z-VL2) is ordered separately.
• For EMO Switches, see page 58.
Illuminated
Pushlock Pull/Turn Reset (Solder Terminal/PC Board Terminal)
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color
Solder Terminal
PC Board Terminal
ø29mm Mushroom
1NC
—
XA1E-LV301Q4R
XA1E-LV301Q4VR
Dark red only
2NC
—
XA1E-LV302Q4R
XA1E-LV302Q4VR
3NC
—
XA1E-LV303Q4R
XA1E-LV303Q4VR
4NC
—
XA1E-LV304Q4R
XA1E-LV304Q4VR
1NC
1NO
XA1E-LV311Q4R
XA1E-LV311Q4VR
2NC
1NO
XA1E-LV312Q4R
XA1E-LV312Q4VR
3NC
1NO
XA1E-LV313Q4R
XA1E-LV313Q4VR
ø40mm Mushroom
1NC
—
XA1E-LV401Q4R
XA1E-LV401Q4VR
2NC
—
XA1E-LV402Q4R
XA1E-LV402Q4VR
3NC
—
XA1E-LV403Q4R
XA1E-LV403Q4VR
4NC
—
XA1E-LV404Q4R
XA1E-LV404Q4VR
1NC
1NO
XA1E-LV411Q4R
XA1E-LV411Q4VR
2NC
1NO
XA1E-LV412Q4R
XA1E-LV412Q4VR
3NC
1NO
XA1E-LV413Q4R
XA1E-LV413Q4VR
• Terminal cover (XA9Z-VL2) is ordered separately.
ø16 XA Series Emergency Stop Switches (w/Removable Contact Block)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com