Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T6 Datasheet(PDF) 49 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 49 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 45Page - IDEC Corporation LS-T6 Datasheet HTML 46Page - IDEC Corporation LS-T6 Datasheet HTML 47Page - IDEC Corporation LS-T6 Datasheet HTML 48Page - IDEC Corporation LS-T6 Datasheet HTML 49Page - IDEC Corporation LS-T6 Datasheet HTML 50Page - IDEC Corporation LS-T6 Datasheet HTML 51Page - IDEC Corporation LS-T6 Datasheet HTML 52Page - IDEC Corporation LS-T6 Datasheet HTML 53Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
49
Flush Bezel
Non-illuminated Pushlock Pull/Turn Reset (Screw Terminal)
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color Code
IP20 Fingersafe Terminal
w/Terminal Cover
ø40mm Mushroom
1NC
—
XN5E-BV401MF➀
XN5E-BV401M➀
R: Red
RH: Bright red
2NC
—
XN5E-BV402MF➀
XN5E-BV402M➀
3NC
—
XN5E-BV403MF➀
XN5E-BV403M➀
4NC
—
XN5E-BV404MF➀
XN5E-BV404M➀
1NC
1NO
XN5E-BV411MF➀
XN5E-BV411M➀
2NC
1NO
XN5E-BV412MF➀
XN5E-BV412M➀
3NC
1NO
XN5E-BV413MF➀
XN5E-BV413M➀
2NC
2NO
XN5E-BV422MF➀
XN5E-BV422M➀
• Specify a color code in place of ➀ in the Part No.
• Only solid wires can be used on the IP20 fingersafe terminal switches.
Illuminated Pushlock Pull/Turn Reset (Screw Terminal)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color
IP20 Fingersafe
Terminal
w/Terminal Cover
ø40mm Mushroom
LED
24V
AC/DC
1NC
—
XN5E-LV401Q4MFR
XN5E-LV401Q4MR
Red only
2NC
—
XN5E-LV402Q4MFR
XN5E-LV402Q4MR
3NC
—
XN5E-LV403Q4MFR
XN5E-LV403Q4MR
4NC
—
XN5E-LV404Q4MFR
XN5E-LV404Q4MR
1NC
1NO
XN5E-LV411Q4MFR
XN5E-LV411Q4MR
2NC
1NO
XN5E-LV412Q4MFR
XN5E-LV412Q4MR
3NC
1NO
XN5E-LV413Q4MFR
XN5E-LV413Q4MR
2NC
2NO
XN5E-LV422Q4MFR
XN5E-LV422Q4MR
• Only solid wires can be used on the IP20 fingersafe terminal switches.
Illuminated Push-ON Pushlock Pull/Turn Reset (Screw Terminal)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
Operator
Color
IP20 Fingersafe
Terminal
w/Terminal Cover
ø40mm Mushroom
LED
24V
AC/DC
2NC
—
XN5E-TV402Q4MFR
XN5E-TV402Q4MR
Red only
3NC
—
XN5E-TV403Q4MFR
XN5E-TV403Q4MR
2NC
1NO
XN5E-TV412Q4MFR
XN5E-TV412Q4MR
• Push-ON is illuminated when the operator is latched, and turns off when reset.
• Only solid wires can be used on the IP20 fingersafe terminal switches.
XN Series Emergency Stop Switches ø30
XN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com