Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T6 Datasheet(PDF) 20 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 20 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 16Page - IDEC Corporation LS-T6 Datasheet HTML 17Page - IDEC Corporation LS-T6 Datasheet HTML 18Page - IDEC Corporation LS-T6 Datasheet HTML 19Page - IDEC Corporation LS-T6 Datasheet HTML 20Page - IDEC Corporation LS-T6 Datasheet HTML 21Page - IDEC Corporation LS-T6 Datasheet HTML 22Page - IDEC Corporation LS-T6 Datasheet HTML 23Page - IDEC Corporation LS-T6 Datasheet HTML 24Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
20
Installing the LED Unit (with Removable
Contact Block)
Align the to of the LED unit with the TOP marking on the
contact block. Push the LED unit into the contact block.
Wiring
1. The applicable wire size is 1.25 mm2 maximum.
2. Solder the terminal at a temperature of 310 to 350°C
within 3 seconds using a soldering iron. Sn-Ag-Cu type is
recommended when using lead-free solder. When solder-
ing, do not touch the enabling switch with the soldering
iron. Also ensure that no tensile force is applied to the ter-
minal. Do not bend the terminal or apply excessive force to
the terminal.
3. Use a non-corrosive rosin flux.
4. Because the terminal spacing is narrow, use protective
tubes or heat shrinkable tubes to avoid burning of wire
coating or short circuit.
Solder/Tab Terminal #110
1. Use #110 receptacles for 0.5mm-thick tabs.
2. Because the terminal spacing is narrow, use protective tubes
or heat shrinkable tubes of 0.5mm minimum in thickness.
3. Do not apply force on the terminals in the direction
other than vertical to the mounting panel, otherwise the
terminals will be damaged.
PC Board Terminal
1. When mounting a contact block on a PC board, provide
sufficient rotating space for the PC board when installing
and removing the contact block.
2. When mounting an XA emergency stop switch on a PC
board, make sure that the operator is securely installed.
About PC Board and Circuit Design
1. Use PC boards made of glass epoxy copper-clad laminated
sheets of 1.6 mm in thickness, with double-sided through
hole.
2. PC boards and circuits must withstand rated voltage and
current, including the instantaneous current and voltage
at switching.
3. The minimum applicable load is 5V AC/DC, 1 mA. This value
may vary according to the operating environment and load.
4. Within the 2.8
∗ mm areas shown in the figure below,
terminals touch the PC board, resulting in possible short
circuit on the printed circuit. When designing a PC board
pattern, take this possibility into consideration.
Installing Insulation Terminal Cover
To install the terminal cover (XA9Z-VL2), align the TOP
marking on the terminal cover with TOP marking on the
contact block, and press the terminal cover toward the
contact block.
Note: For wiring, insert the wires into the holes in the terminal cover before
soldering.
Contact Bounce
When the button is reset by pulling or turning, the NC main
contacts will bounce. When pressing the button, the NO
monitor contacts will bounce.
When designing a control circuit, take the contact bounce
time into consideration (reference value: 20 ms).
Nameplate
When anti-rotation is not required, remove the projection
from the nameplate using pliers.
Projection
Nameplate
Handling
Do not expose the switch to excessive shock and vibration,
otherwise the switch may be deformed or damaged,
causing malfunction or operation failure.
TOP side
19.8
8.7
(0.5)
1.6 (PC Board)
(0.5)
10-ø1.2
holes
Solder Surface
Surface for installing
components
2.8∗
2.8∗
Solder Surface
Surface for installing
components
All dimensions in mm.
ø16 XA Series Emergency Stop Switches (w/Removable Contact Block)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com