Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLP14X Datasheet(PDF) 9 Page - Rohm

Part # SMLP14X
Description  PICOLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP14X Datasheet(HTML) 9 Page - Rohm

Back Button SMLP14X Datasheet HTML 3Page - Rohm SMLP14X Datasheet HTML 4Page - Rohm SMLP14X Datasheet HTML 5Page - Rohm SMLP14X Datasheet HTML 6Page - Rohm SMLP14X Datasheet HTML 7Page - Rohm SMLP14X Datasheet HTML 8Page - Rohm SMLP14X Datasheet HTML 9Page - Rohm SMLP14X Datasheet HTML 10Page - Rohm SMLP14X Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
    
[Data Sheet]
[SMLP14x series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Tsmax
Tsmin
ts
TL
Conditions
180℃
140℃
Over 60sec.
230〜260℃
Meanings
Maximum of pre-heating temperature
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
400℃ within 3 sec.
Heating on PCB pattern, not direct to the
LED. (Fig-1)
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
※Above conditions are for reference. Therefore, evaluate by customerʼs own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
Peak temperature
Within 10sec.
Under 3℃/sec.
Over -3℃/sec.
tL
TP
tP
ΔTR/Δt
Minimum of pre-heating temperature
Time from Tsmin to Tsmax
Reference temperature
ΔTD/Δt
Temperature decreasing rate
Retention time for TL
Time for peak temperature
Temperature rising rate
Within 40sec.
260℃(Max)
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
furnaces vary by customerʼs own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a)
Heating method
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
Temperature
Under 30℃ within 3 minutes
Fig‐1
SOLDERING
LAND
SOLDERING IRON
________________________________________________________
www.rohm.co.jp
©2022 ROHM Co., Ltd. All rights reserved
9/9
2022.6- Rev.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com