Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLP14X Datasheet(PDF) 4 Page - Rohm

Part # SMLP14X
Description  PICOLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP14X Datasheet(HTML) 4 Page - Rohm

  SMLP14X Datasheet HTML 1Page - Rohm SMLP14X Datasheet HTML 2Page - Rohm SMLP14X Datasheet HTML 3Page - Rohm SMLP14X Datasheet HTML 4Page - Rohm SMLP14X Datasheet HTML 5Page - Rohm SMLP14X Datasheet HTML 6Page - Rohm SMLP14X Datasheet HTML 7Page - Rohm SMLP14X Datasheet HTML 8Page - Rohm SMLP14X Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
■Chromaticity Diagram
[SMLP14x series]
*Measurement tolerance:±10%
A
F
H
K
(Ta=25℃、If=5mA)
xy
x
y
xy
xy
0.280
0.248
0.283
0.305
0.287
0.295
0.304
0.330
0.296
0.276
0.304
0.330
0.307
0.315
0.330
0.360
0.283
0.305
0.307
0.315
0.311
0.294
0.330
0.318
0.264
0.267
0.287
0.295
0.296
0.276
0.311
0.294
Measurement tolerance:±0.02
AF
H
K
White(WB)
(Ta=25ºC, IF=5mA)
NP
Q
R
S
T
UV
W
14~22
22~36
36~56
56~90
90~140 140~220 220~360 360~560 560~900
Rank
Iv(mcd)
SMLP14WBCN1W
________________________________________________________
www.rohm.co.jp
©2022 ROHM Co., Ltd. All rights reserved
4/9
2022.6- Rev.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com