Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLP14X Datasheet(PDF) 5 Page - Rohm

Part # SMLP14X
Description  PICOLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP14X Datasheet(HTML) 5 Page - Rohm

  SMLP14X Datasheet HTML 1Page - Rohm SMLP14X Datasheet HTML 2Page - Rohm SMLP14X Datasheet HTML 3Page - Rohm SMLP14X Datasheet HTML 4Page - Rohm SMLP14X Datasheet HTML 5Page - Rohm SMLP14X Datasheet HTML 6Page - Rohm SMLP14X Datasheet HTML 7Page - Rohm SMLP14X Datasheet HTML 8Page - Rohm SMLP14X Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
    
[Data Sheet]
■Taping(T86)
Unit:mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
Complying with IPC/JEDEC J-STD-033.
[SMLP14x series]
φ1 . 5
+0.1
0
2 .00 ±0.05
11. 4 ±1
4.0 0 ±0.1
Special Code will be applied for
Chromaticity rank
Rank sign
Emitting color WB/B/E series.
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type Emitting Color
Resin Color
Taping Specification
Special Control Symbol
SML
P1
0
WB
T
1
1
W
2
B
3
4
5
6
7
8
*Concerning the Brightness rank.
*Please refer to the rank chart above for
luminous intensity classification.
*Part name is individual for each rank.
*When shipped as sample,the part name w
be a representative part name.
General products are free of ranks.
Please contact sales if rank appointment
is needed.
Chip LED
1.0x0.6 t=0.2mm
Low Current Type
Milky White
Ultra High Brightness type
High Brightness type
Black
cathode at sprocket hole side(Top)
AS
Standard Type
White
Transparent Colorless
4WBC N1
W
1
1
SM
L
P
Packing quantity
5,000pcs/reel
Pulling
Direction
________________________________________________________
www.rohm.co.jp
©2022 ROHM Co., Ltd. All rights reserved
5/9
2022.6- Rev.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com