Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLP14X Datasheet(PDF) 8 Page - Rohm

Part # SMLP14X
Description  PICOLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP14X Datasheet(HTML) 8 Page - Rohm

Back Button SMLP14X Datasheet HTML 3Page - Rohm SMLP14X Datasheet HTML 4Page - Rohm SMLP14X Datasheet HTML 5Page - Rohm SMLP14X Datasheet HTML 6Page - Rohm SMLP14X Datasheet HTML 7Page - Rohm SMLP14X Datasheet HTML 8Page - Rohm SMLP14X Datasheet HTML 9Page - Rohm SMLP14X Datasheet HTML 10Page - Rohm SMLP14X Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
    
[Data Sheet]
Stress strength according to
he mounting position:
A>B>C>D
so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
※The product has adopted the electrode structure that it should solder
with back electrode of the product.
Thus, please be informed that the shape of electrode pin of
solder fillet formation is not guaranteed.
The through hole on electrode surface is for conduction of front
 and rear electrodes but not for formation of solder fillet.
contact us for inquiries.
[SMLP14x series]
4.Mounting
4-1. Soldering
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin
expansion and moisture absorption at humidity will cause heat stress during soldering process and
shift (within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature
In case of carrying out flow soldering of surrounding parts without recommended conditions, please
finally has bad influence on the productʼs reliability.
・The product is not guaranteed for flow soldering.
4―4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting,
4-5.Soldering Pattern for Recommendation
the mounter to control the product stabilization. In addition, it is recommended to set ionizer
to prevent electrostatic charge.
4-3. Mounting Location
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack
or damage of LED internal junction, therefore, please concern the mounting direction and position
to avoid bending or screwing with great stress of the circuit board.
adhere to top cover tape. Therefore, the magnet should be set on parts feeder cassette of
4-2. Automatic Mounting
4-2-2. Mini Package (Smaller than 1608 size)
・Vibration may result in low mounting rate since it will cause the static electricity of product and
4-2-1. Suction nozzle
Excessive load may cause damage inside the LED product, so select an optimal suction nozzle
・Please set appropriate reflow temperature based on our product usage conditions and specification.
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering
with other parts within the usage limitation after open the moistureproof package.
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions,
・For our product that has no solder resist, because of its solder amount and soldering conditions,
according to the material and shape of the LED product.
it may cause the discoloration of the resin.
 one of its specific characteristics is that solder will penetrate into LED. Thus, there's high possibility
that will influence its reliability.Therefore, please be informed, concerning it before using it.
0.6mm
0.4mm
0.5mm
0.5mm
PCB Bonding Direction
Mask open area ratio:80%
Mask thickness:80〜100μm
Reference
________________________________________________________
www.rohm.co.jp
©2022 ROHM Co., Ltd. All rights reserved
8/9
2022.6- Rev.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com