Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLP14X Datasheet(PDF) 1 Page - Rohm

Part # SMLP14X
Description  PICOLED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP14X Datasheet(HTML) 1 Page - Rohm

  SMLP14X Datasheet HTML 1Page - Rohm SMLP14X Datasheet HTML 2Page - Rohm SMLP14X Datasheet HTML 3Page - Rohm SMLP14X Datasheet HTML 4Page - Rohm SMLP14X Datasheet HTML 5Page - Rohm SMLP14X Datasheet HTML 6Page - Rohm SMLP14X Datasheet HTML 7Page - Rohm SMLP14X Datasheet HTML 8Page - Rohm SMLP14X Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SMLP14x Series
     
PICOLED
TM
   
Data Sheet
■Features
■Outline
• Ultra compact, thin size 1.0×0.6mm
•Original device technology enables high brightness
• Lead Free/RoHS Compliant.
■Size
■Dimensions
■Recommended Solder Pattern
■Moisture sensitivity level(MSL) : Level 3
■Specifications
Typ.
IF
Max.
VR
Min.*
2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(μA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
2.9
5
100
5
5
90 180
5
*PICOLED
TM is ROHM's pending trademark.
InGaN
white
33
10
50*1
5
-40〜+85 -40〜+100
Electrical and Optical Characteristics (Ta=25ºC)
Power Forward Peak Forward
Forward Voltage VF Reverse Current IR
Reverse
Operating Temp.
Storage Temp.
Current Current Voltage
PD(mW) IF(mA)
Part No.
Chip Structure Emitting color
Absolute Maximum Ratings (Ta=25ºC)
1 : Duty 1/10, 1kHz 2 : Measurement tolerance:±1nm、*3:Brightness for white color is noted with chromaticity coordinate(x,y).
and high reliability
Dominant Wavelength λD
/Chromaticity coordinate(x,y)
Luminous Intensity IV
Dissipation
Topr(ºC)
Tstg(ºC)
IFP(mA) VR(V)
(x, y) (0.30, 0.30)
SMLP14WBCN1W
1006 (0402)
1.0×0.6mm (t=0.2mm)
Color
Type
WB
Tolerance : ±0.1
(unit : mm)
(unit : mm)
1
0.4
________________________________________________________
www.rohm.co.jp
©2022 ROHM Co., Ltd. All rights reserved
1/9
2022.6- Rev.003


Similar Part No. - SMLP14X

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP14BCNWT86 ROHM-SMLP14BCNWT86 Datasheet
1Mb / 17P
Blue Surface Mount Chip LEDs featuring InGaN packed with milky white diffused resin.
2022.7 - Rev.002
SMLP14ECNWT86 ROHM-SMLP14ECNWT86 Datasheet
1Mb / 17P
Green Surface Mount Chip LEDs featuring InGaN packed with milky white diffused resin.
2022.7 - Rev.002
More results

Similar Description - SMLP14X

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
SMLR13WBDW3 ROHM-SMLR13WBDW3 Datasheet
1Mb / 4P
SML-R1 Series PICOLED-side
SML-P11MTT86 ROHM-SML-P11MTT86 Datasheet
966Kb / 4P
SML-P11 Series PICOLED-eco
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com