Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLR342FVT Datasheet(PDF) 11 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 11 Page - Rohm

Back Button TLR342FVT Datasheet HTML 7Page - Rohm TLR342FVT Datasheet HTML 8Page - Rohm TLR342FVT Datasheet HTML 9Page - Rohm TLR342FVT Datasheet HTML 10Page - Rohm TLR342FVT Datasheet HTML 11Page - Rohm TLR342FVT Datasheet HTML 12Page - Rohm TLR342FVT Datasheet HTML 13Page - Rohm TLR342FVT Datasheet HTML 14Page - Rohm TLR342FVT Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
11/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Description of Electrical Characteristics - continued
(16) Phase Margin (θM)
Indicates the margin of phase from 180 degree phase lag at unity gain frequency.
(17) Gain Margin (GM)
Indicates the difference between 0dB and the gain where operational amplifier has 180 degree phase delay.
(18) Input Referred Noise Voltage (VN)
Indicates a noise voltage generated inside the operational amplifier equivalent by ideal voltage source connected in
series with input pin.
(19) Total Harmonic Distortion + Noise (THD+N)
Indicates the fluctuation of input offset voltage or that of output voltage with reference to the change of output voltage
of driven channel.
(20) Channel Separation (CS)
Indicates the fluctuation in the output voltage of the driven channel with reference to the change of output voltage of
the channel which is not driven.
(21)Turn On Time From Shutdown (tON)
Indicates the time from applying the voltage to shutdown terminal until the IC is active.
(22)Turn On Voltage / Turn Off Voltage (VSHDN_H/ VSHDN_L)
The IC is active if the shutdown terminal is applied more than Turn On Voltage (VSHDN_H).
The IC is shutdown if the shutdown terminal is applied less than Turn Off Voltage (VSHDN_L).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com