Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLR342FVT Datasheet(PDF) 36 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 36 Page - Rohm

Back Button TLR342FVT Datasheet HTML 32Page - Rohm TLR342FVT Datasheet HTML 33Page - Rohm TLR342FVT Datasheet HTML 34Page - Rohm TLR342FVT Datasheet HTML 35Page - Rohm TLR342FVT Datasheet HTML 36Page - Rohm TLR342FVT Datasheet HTML 37Page - Rohm TLR342FVT Datasheet HTML 38Page - Rohm TLR342FVT Datasheet HTML 39Page - Rohm TLR342FVT Datasheet HTML 40Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
36/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Application Example
○
Voltage Follower
○
Inverting Amplifier
○
Non-inverting Amplifier
Figure 80. Inverting Amplifier Circuit
Figure 81. Non-inverting Amplifier Circuit
Figure 79. Voltage Follower Circuit
Voltage gain is 0dB.
Using this circuit, the output voltage (VOUT) is configured
to be equal to the input voltage (VIN). This circuit also
stabilizes the output voltage (VOUT) due to high input
impedance and low output impedance. Computation for
output voltage (VOUT) is shown below.
VOUT=VIN
For inverting amplifier, input voltage (VIN) is amplified by
a voltage gain and depends on the ratio of R1 and R2.
The out-of-phase output voltage is shown in the next
expression
VOUT=-(R2/R1)・VIN
This circuit has input impedance equal to R1.
For non-inverting amplifier, input voltage (VIN) is
amplified by a voltage gain, which depends on the ratio
of R1 and R2. The output voltage (VOUT) is in-phase with
the input voltage (VIN) and is shown in the next
expression.
VOUT=(1 + R2/R1)・VIN
Effectively, this circuit has high input impedance since its
input side is the same as that of the operational amplifier.
VOUT
VSS
VIN
VDD
R2
R1
VOUT
VSS
VIN
VDD
VSS
R2
VDD
VIN
VOUT
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com