Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLR342FVT Datasheet(PDF) 31 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 31 Page - Rohm

Back Button TLR342FVT Datasheet HTML 27Page - Rohm TLR342FVT Datasheet HTML 28Page - Rohm TLR342FVT Datasheet HTML 29Page - Rohm TLR342FVT Datasheet HTML 30Page - Rohm TLR342FVT Datasheet HTML 31Page - Rohm TLR342FVT Datasheet HTML 32Page - Rohm TLR342FVT Datasheet HTML 33Page - Rohm TLR342FVT Datasheet HTML 34Page - Rohm TLR342FVT Datasheet HTML 35Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
31/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Application Information
NULL method condition for Test Circuit 1
VDD, VSS, EK, VICM Unit:V
Parameter
VF
SW1
SW2
SW3
VDD
VSS
EK
VICM
Calculation
Input Offset Voltage
VF1
ON
ON
OFF
5
0
-2.5
2.5
1
Large Signal Voltage Gain
VF2
ON
ON
ON
5
0
-0.5
2.5
2
VF3
-3.5
Common-mode Rejection Ratio
(Input Common-mode Voltage Range)
VF4
ON
ON
OFF
5
0
-2.5
0
3
VF5
3
Power Supply Rejection Ratio
VF6
ON
ON
OFF
1.8
0
-0.9
0.5
4
VF7
5
-
Calculation-
1. Input Offset Voltage (VIO)
2. Large Signal Voltage Gain (AV)
3. Common-mode Rejection Ratio (CMRR)
4. Power Supply Rejection Ratio (PSRR)
Figure 73. Test Circuit 1
Av = 20Log
|VF2 - VF3|
EK × (1+RF/RS)
[dB]
PSRR = 20Log
|VF6 - VF7|
VDD × (1+ RF/RS)
[dB]
VIO =
1 + RF/RS
[V]
|VF1|
|VF4 - VF5|
CMRR = 20Log
VICM × (1+RF/RS)
[dB]
VICM
RS=50Ω
RS=50Ω
RF=50kΩ
RI=1MΩ
RI=1MΩ
0.1μF
0.1μF
SW1
SW2
50kΩ
SW3
RL
VRL
0.1μF
EK
500kΩ
500kΩ
1000pF
VF
0.01μF
15V
-15V
VDD
VSS
Vo
V
NULL
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com