Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLR342FVT Datasheet(PDF) 21 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 21 Page - Rohm

Back Button TLR342FVT Datasheet HTML 17Page - Rohm TLR342FVT Datasheet HTML 18Page - Rohm TLR342FVT Datasheet HTML 19Page - Rohm TLR342FVT Datasheet HTML 20Page - Rohm TLR342FVT Datasheet HTML 21Page - Rohm TLR342FVT Datasheet HTML 22Page - Rohm TLR342FVT Datasheet HTML 23Page - Rohm TLR342FVT Datasheet HTML 24Page - Rohm TLR342FVT Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
21/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Typical Performance Curves – continued
○
TLR342xxx
-4
-3
-2
-1
0
1
2
3
4
1
2
3
4
5
6
Supply Voltage [V]
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
Output Voltage [V]
0
30
60
90
120
150
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
0
30
60
90
120
150
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Figure 37. Output Source Current
vs Ambient Temperature (VOUT=0V)
Figure 38. Output Sink Current vs Output Voltage
(VDD=1.8V)
Figure 39. Output Sink Current
vs Ambient Temperature (VOUT=VDD)
Figure 40. Input Offset Voltage vs Supply Voltage
5V
-40°C
85°C
-40°C
25°C
85°C
1.8V
25°C
5V
1.8V
(*)The data above is measurement value of typical sample, it is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com