Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLR342FVT Datasheet(PDF) 1 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 1 Page - Rohm

  TLR342FVT Datasheet HTML 1Page - Rohm TLR342FVT Datasheet HTML 2Page - Rohm TLR342FVT Datasheet HTML 3Page - Rohm TLR342FVT Datasheet HTML 4Page - Rohm TLR342FVT Datasheet HTML 5Page - Rohm TLR342FVT Datasheet HTML 6Page - Rohm TLR342FVT Datasheet HTML 7Page - Rohm TLR342FVT Datasheet HTML 8Page - Rohm TLR342FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
1/51
03.Feb.2016 Rev.004
TSZ22111・14・001
Operational Amplifiers
Low Voltage Operation
Ground Sense Operational Amplifier
TLR341G TLR342xxx TLR344xxx
General Description
TLR341G, TLR342xxx, and TLR344xxx series are
single, dual, and quad CMOS operational amplifier with
low supply voltage operation and full swing output.
These are suitable for battery-operated equipment. The
MOSFET input stage provides low input bias current. It
can be used for sensor applications.
TLR341G includes shutdown function.
Features
Low Operating Supply Voltage
Output Full Swing / Input Ground Sense
High Large Signal Voltage Gain
Low Input Bias Current
Low Supply Current
Low Input Offset Voltage
Applications
Consumer Electronics
Buffer
Sensor Amplifier
Mobile Equipment
Battery-Operated Equipment
Key Specifications
Operating Supply Voltage (Single Supply):
+1.8V to +5.5V
Supply Current:
TLR341G
75uA (Typ)
TLR342xxx
150uA (Typ)
TLR344xxx
300uA (Typ)
Voltage Gain (RL=2kΩ):
105dB (Typ)
Temperature Range:
-40°C to +85°C
Input Offset Voltage:
4mV (Max)
Input Bias Current:
1pA (Typ)
Gain Bandwidth:
2.3MHz (Typ)
Slew Rate:
1.2V/µs (Typ)
Turn-on Time from Shutdown:
1.2µs (Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP6
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
SOP14
8.70mm x 6.20mm x 1.71mm
SOP-J14
8.65mm x 6.00mm x 1.65mm
TSSOP-B14J
5.00mm x 6.40mm x 1.20mm
Pin Configuration
TLR341G
: SSOP6
Pin No.
Pin Name
1
+IN
2
VSS
3
-IN
4
OUT
5
SHDN
——————
6
VDD
Pin
Input condition
State
SHDN
——————
VSS
Shutdown
VDD
Active
Note: Please refer to Electrical Characteristics regarding to Shutdown Voltage Range.
○
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
3
4
2
1
5
+
-
OUT
+IN
-IN
VSS
VDD
3
4
2
1
6
+
-
OUT
+IN
-IN
VSS
VDD
5 SHDN
SSOP5
SSOP6
Datasheet


Similar Part No. - TLR342FVT

ManufacturerPart #DatasheetDescription
logo
Rohm
TLR342FVT-E2 ROHM-TLR342FVT-E2 Datasheet
4Mb / 55P
Low Voltage Operation Ground Sense Operational Amplifier
TLR342FVT-E2 ROHM-TLR342FVT-E2 Datasheet
1Mb / 38P
Low Operating Supply Voltage
More results

Similar Description - TLR342FVT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
Dual ground sense operational amplifier
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
Quad Ground Sense Operational Amplifier
logo
Rohm
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
Low Power Ground Sense Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
Low Voltage Operation Ground sense Operational amplifiers
LMR342FVJ ROHM-LMR342FVJ Datasheet
510Kb / 22P
Low Supply Current Ground Sense CMOS Operational Amplifier
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
Low Voltage Operation Ground Sense Operational Amplifier
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com