Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS2907 Datasheet(PDF) 9 Page - STMicroelectronics

Part # JS2907
Description  Rad-hard 60 V, 0.6 A PNP transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JS2907 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button JS2907 Datasheet HTML 5Page - STMicroelectronics JS2907 Datasheet HTML 6Page - STMicroelectronics JS2907 Datasheet HTML 7Page - STMicroelectronics JS2907 Datasheet HTML 8Page - STMicroelectronics JS2907 Datasheet HTML 9Page - STMicroelectronics JS2907 Datasheet HTML 10Page - STMicroelectronics JS2907 Datasheet HTML 11Page - STMicroelectronics JS2907 Datasheet HTML 12Page - STMicroelectronics JS2907 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Table 6. LCC-3 package mechanical data
Symbols
Dimensions in mm
Dimensions in inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.16
1.42
0.046
0.056
C
0.45
0.50
0.56
0.018
0.020
0.022
D
0.60
0.56
0.96
0.024
0.022
0.038
E
0.91
1.01
1.12
0.036
0.040
0.044
F
1.95
2.03
2.11
0.077
0.080
0.083
G
2.92
3.05
3.17
0.115
0.120
0.125
I
2.41
2.54
2.66
0.095
0.100
0.105
J
0.42
0.57
0.72
0.0165
0.0225
0.0285
K
1.37
1.52
1.67
0.054
0.060
0.066
L
0.40
0.50
0.60
0.016
0.020
0.024
M
2.46
2.54
2.62
0.097
0.100
0.103
N
1.80
1.90
2.00
0.071
0.075
0.079
R
0.30
0.012
2N2907AHR
LCC-3 package information
DS6095 - Rev 14
page 9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com