Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS2907 Datasheet(PDF) 10 Page - STMicroelectronics

Part # JS2907
Description  Rad-hard 60 V, 0.6 A PNP transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JS2907 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button JS2907 Datasheet HTML 6Page - STMicroelectronics JS2907 Datasheet HTML 7Page - STMicroelectronics JS2907 Datasheet HTML 8Page - STMicroelectronics JS2907 Datasheet HTML 9Page - STMicroelectronics JS2907 Datasheet HTML 10Page - STMicroelectronics JS2907 Datasheet HTML 11Page - STMicroelectronics JS2907 Datasheet HTML 12Page - STMicroelectronics JS2907 Datasheet HTML 13Page - STMicroelectronics JS2907 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4
Ordering information
Table 7. Ordering information
Part number
ESCC
specification
Screening
option
Radiation level
Package
Mass
Lead finish
Marking(1)
Packing
2N2907AUB1
-
Engineering
model
-
UB
0.6 g
Gold
2N2907AUB1
WafflePack
SOC2907A1
-
-
LCC-3
SOC2907A1
2N2907ARUBG
5202/001/06R
Flight
model
100 krad
UB
Gold
520200106R
2N2907ARUBT
5202/001/07R
Solder Dip
520200107R
2N2907ARUBTW
5202/001/07R
Solder Dip
520200107R
Tape and reel
2N2907AUBG
5202/001/06
-
Gold
520200106
WafflePack
2N2907AUBT
5202/001/07
-
Solder Dip
520200107
SOC2907ARHRG
5202/001/04R
100 krad
LCC-3
Gold
520200104R
SOC2907ARHRT
5202/001/05R
Solder Dip
520200105R
SOC2907ARHRTW
5202/001/05R
Solder Dip
520200105R
Tape and reel
SOC2907AHRG
5202/001/04
-
Gold
520200104
WafflePack
SOC2907AHRT
5202/001/05
-
Solder Dip
520200105
SOC2907AHRTW
5202/001/05
-
Solder Dip
520200105
Tape and reel
1. Specific marking only. The full marking includes in addition: For the Engineering Models: ST logo, date code; country of origin (FR). For ESCC flight parts: ST
logo, date code, country of origin (FR), ESA logo, serial number of the part within the assembly lot.
Contact ST sales office for information about specific conditions for products in die form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com