Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS2907 Datasheet(PDF) 4 Page - STMicroelectronics

Part # JS2907
Description  Rad-hard 60 V, 0.6 A PNP transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JS2907 Datasheet(HTML) 4 Page - STMicroelectronics

  JS2907 Datasheet HTML 1Page - STMicroelectronics JS2907 Datasheet HTML 2Page - STMicroelectronics JS2907 Datasheet HTML 3Page - STMicroelectronics JS2907 Datasheet HTML 4Page - STMicroelectronics JS2907 Datasheet HTML 5Page - STMicroelectronics JS2907 Datasheet HTML 6Page - STMicroelectronics JS2907 Datasheet HTML 7Page - STMicroelectronics JS2907 Datasheet HTML 8Page - STMicroelectronics JS2907 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2.2
Radiation assurance
Radiation test are guaranteed in compliance with ESCC 22900 and ESCC 5202/001 specifications.
Each lot is tested in radiation according to the following procedure:
•
Radiation condition of 0.1 rad (Si)/s.
•
Test of 11 samples by wafer, 5 biased at 80% of V(BR)CEO, 5 unbiased and for reference.
•
Acceptance criteria in compliance with the post radiation electrical characteristics as per Table 4.
Table 4. ESCC 5202/001 post radiation electrical characteristics (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ICBO
Collector cut-off current (IE = 0)
VCB = 50 V
-
10
nA
ICEX
Collector-emitter cut-off current
VCE = 30 V, VBE = -0.5 V
-
50
nA
V(BR)CBO
Collector-base breakdown voltage (IE= 0)
IC =10 μA
60
-
V
V(BR)CEO(1)
Collector-emitter breakdown voltage (IB = 0)
IC = 10 mA
60
V
V(BR)EBO
Emitter-base breakdown voltage (IC= 0)
IE = 10 μA
5
-
V
VCE(sat)(1)
Collector-emitter saturation voltage
IC =150 mA, IB = 15 mA
-
0.4
V
VBE(sat)(1)
Base-emitter saturation voltage
IC = 150 mA, IB = 15 mA
-
1.3
V
[hFE](1)
Post irradiation gain calculation (2)
IC = 0.1 mA, VCE = 10 V
[30]
-
IC = 10 mA, VCE = 10 V
[50]
-
IC = 150 mA, VCE = 10 V
[50]
-
300
IC= 500 mA, VCE= 10 V
[25]
-
1. Pulsed duration = 300 μs, duty cycle ≥ 2 %
2. The post-irradiation gain calculation of [hFE], made using hFE measurements from prior to and on completion of irradiation
testing and after each annealing step if any, shall be as specified in MILSTD-750 method 1019.
2N2907AHR
Radiation assurance
DS6095 - Rev 14
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com