Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS2907 Datasheet(PDF) 1 Page - STMicroelectronics

Part # JS2907
Description  Rad-hard 60 V, 0.6 A PNP transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JS2907 Datasheet(HTML) 1 Page - STMicroelectronics

  JS2907 Datasheet HTML 1Page - STMicroelectronics JS2907 Datasheet HTML 2Page - STMicroelectronics JS2907 Datasheet HTML 3Page - STMicroelectronics JS2907 Datasheet HTML 4Page - STMicroelectronics JS2907 Datasheet HTML 5Page - STMicroelectronics JS2907 Datasheet HTML 6Page - STMicroelectronics JS2907 Datasheet HTML 7Page - STMicroelectronics JS2907 Datasheet HTML 8Page - STMicroelectronics JS2907 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LCC-3
UB
3
1
2
3
1
2
4
Pin 4 in UB is connected to the metallic lid.
E
DS10460
C
B
(3)
(2)
(1)
Features
VCBO
IC(max.)
HFE at 10 V,
150 mA
Tj(max.)
60 V
ESCC
0.5 A
> 100
200 °C
•
Hermetic packages
•
ESCC qualified
•
100 krad
Description
The 2N2907AHR is a bipolar transistor able to operate under severe environment
conditions and radiation exposure providing high immunity to total ionizing dose
(TID).
Qualified as per ESCC 5202/001 specification and available in LCC-3 and
UB hermetic packages, it is specifically recommended for space and harsh
environment applications and suitable for low current and high precision circuits such
preamplifiers, oscillators, current mirror configuration.
In case of discrepancies between this datasheet and the relevant agency
specification, the latter takes precedence.
Product summary
Product summary
Part-number
Qualification
system
Agency
specification
Package
Radiation
level
2N2907ARUBx
ESCC Flight
5202/001
UB
100 krad
2N2907AUBx
ESCC Flight
5202/001
UB
-
SOC2907ARHRx
ESCC Flight
5202/001
LCC-3
100 krad
SOC2907AHRx
ESCC Flight
5202/001
LCC-3
-
Note:
See Table 7 for ordering information.
Product status link
2N2907AHR
Rad-hard 60 V, 0.6 A PNP transistor
2N2907AHR
Datasheet
DS6095 - Rev 14 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - JS2907

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
JS2-R BEL-JS2-R Datasheet
478Kb / 2P
Time-lag Fuse Series
JS2.5-R BEL-JS2.5-R Datasheet
478Kb / 2P
Time-lag Fuse Series
logo
List of Unclassifed Man...
JS20 ETC-JS20 Datasheet
1Mb / 17P
Floating Joint
JS20-8-125 ETC-JS20-8-125 Datasheet
1Mb / 17P
Floating Joint
logo
Bel Fuse Inc.
JS200-R BEL-JS200-R Datasheet
478Kb / 2P
Time-lag Fuse Series
More results

Similar Description - JS2907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
Hi-Rel PNP bipolar transistor 60 V, 0.6 A
04-Oct-2012
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
Hi-Rel 60 V - 0.6 A PNP transistor
14-May-2012
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
Hi-Rel 60 V, 0.6 A PNP transistor
18-Sep-2013
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
2N3810HR STMICROELECTRONICS-2N3810HR Datasheet
359Kb / 14P
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
08-Sep-2020
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com