Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS2907 Datasheet(PDF) 12 Page - STMicroelectronics

Part # JS2907
Description  Rad-hard 60 V, 0.6 A PNP transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JS2907 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button JS2907 Datasheet HTML 6Page - STMicroelectronics JS2907 Datasheet HTML 7Page - STMicroelectronics JS2907 Datasheet HTML 8Page - STMicroelectronics JS2907 Datasheet HTML 9Page - STMicroelectronics JS2907 Datasheet HTML 10Page - STMicroelectronics JS2907 Datasheet HTML 11Page - STMicroelectronics JS2907 Datasheet HTML 12Page - STMicroelectronics JS2907 Datasheet HTML 13Page - STMicroelectronics JS2907 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
09-Feb-2009
1
Initial release.
05-Jan-2010
2
Modified Table 1: Device summary
30-Nov-2011
3
Minor text changes in the document title and description on the coverpage
14-May-2012
4
New package inserted (UB).
Updated:
– Table 1: Device summary, Table 2: Absolute maximum ratings and Table 3: Thermal data.
– Section 2: Electrical characteristics and Section 4: Package mechanical data.
Added:
– Section : and Section 6: Shipping details.
03-Jun-2013
5
Added:
– New section Radiation hardness assurance
– Corrected the revision number and dates of revision 3.
18-Sep-2013
6
Updated Table 1: Device summary and Table 13: Ordering information
05-May-2014
7
Updated Table 1: Device summary, Table 13: Ordering information and Section 3: Radiation
hardness assurance.
Added Figure 2: Safe operating area for TO-18 and Figure 3: Safe operating area for LCC-3
29-May-2014
8
Added note 1 in Table 13: Ordering information.
21-Aug-2015
9
Modified: Section 4.3: TO-18 package information
Minor text changes.
02-Dec-2015
10
Updated Figure 2.: Safe operating area for TO-18 and Figure 3.: Safe operating area for
LCC-3.
Minor text chages.
16-Apr-2020
11
Removed TO-18 package information. Minor text changes.
02-Feb-2021
12
Updated Table 1, Table 1, Table 4, Figure 6, Table 7 and Table 9.
Removed Radiation summary table.
Minor text changes.
16-Nov-2021
13
Updated Features, Description and Product summary on cover page.
Updated Table 1, Table 2, Table 7, Table 8 and Table 9.
Updated Section 2 Electrical characteristics.
10-Feb-2022
14
Updated Description, Section 2.2 Radiation assurance, Table 7 and Table 9.
2N2907AHR
DS6095 - Rev 14
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com