Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 23Page - STMicroelectronics STMPE812 Datasheet HTML 24Page - STMicroelectronics STMPE812 Datasheet HTML 25Page - STMicroelectronics STMPE812 Datasheet HTML 26Page - STMicroelectronics STMPE812 Datasheet HTML 27Page - STMicroelectronics STMPE812 Datasheet HTML 28Page - STMicroelectronics STMPE812 Datasheet HTML 29Page - STMicroelectronics STMPE812 Datasheet HTML 30Page - STMicroelectronics STMPE812 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
STMPE812
PWM controller
Doc ID 17732 Rev 3
27/51
PWM control1 register
PWM control1 register
Address:
0x51
Type:
R/W
Reset:
0x00
Description:
PWM control1 register.
7654
3
2
1
0
Brightness
BurstMultiplier
Off_State
Enable
00
0
0
[7:4] This defines the of the PWM channel output which in turn determines the brightness level of
the LED that the PWM output drives. Note that this is assuming LED is connected in SINKING
MODE. System host should program the brightness in a reverse way if sourcing configuration
were to be used.
0000: duty cycle ratio 1:15 (6.25%, minimum brightness)
0001: duty cycle ratio 2:14 (12.50%)
0010: duty cycle ratio 3:13 (18.75%)
0011: duty cycle ratio 4:12 (25.00%)
0100: duty cycle ratio 5:11 (31.25%)
0101: duty cycle ratio 6:10 (37.50%)
0110: duty cycle ratio 7: 9 (43.75%)
0111: duty cycle ratio 8: 8 (50.00%)
1000: duty cycle ratio 9: 7 (56.25%)
1001: duty cycle ratio 10: 6 (62.50%)
1010: duty cycle ratio 11: 5 (68.75%)
1011: duty cycle ratio 12: 4 (75.00%)
1100: duty cycle ratio 13: 3 (81.25%)
1101: duty cycle ratio 14: 2 (87.50%)
1110: duty cycle ratio 15: 1 (93.75%)
1111: duty cycle ratio 16: 0 (100.00%, maximum brightness)
[3:2] BurstMultiplier
PWM output continues for time = BurstLength * BurstMultiplier
*If BurstMultiplier = 0, PWM output indefinitely (until PWM is turned OFF)
1 Off_State
‘0’: PWM Output “HI” when PWM not running
‘1’: PWM Output “LOW” when PWM not running
0Enable
Writing ‘1’ to this bit starts the PWM controller sequence
Writing ‘0’ has stops it
Reads ‘1’ when PWM is running.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com