Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 26Page - STMicroelectronics STMPE812 Datasheet HTML 27Page - STMicroelectronics STMPE812 Datasheet HTML 28Page - STMicroelectronics STMPE812 Datasheet HTML 29Page - STMicroelectronics STMPE812 Datasheet HTML 30Page - STMicroelectronics STMPE812 Datasheet HTML 31Page - STMicroelectronics STMPE812 Datasheet HTML 32Page - STMicroelectronics STMPE812 Datasheet HTML 33Page - STMicroelectronics STMPE812 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Touchscreen controller
STMPE812
30/51
Doc ID 17732 Rev 3
11.1
Touchscreen controller detection sequence
Following is the sequence of detection in the STMPE812 touchscreen controller for X, Y and
Z:
1.
Touch Detect
2.
Drive Y
3.
Wait for settling time
4.
Measure Y
5.
Stop drive
6.
Drive Z
7.
Wait for settling time
8.
Measure Z
9.
Stop drive
10. Drive X
11. Wait for settling time
12. Measure X
13. Stop drive
14. Touch Detect
11.2
3 modes of acquisition
1.
Data acquisition timed by internal timer:
The host system selects a “sampling period” with, based on internal timer, the touchscreen
controller takes a complete set of samples on every period. The host system may choose to
read the data by:
Waiting for the INT
Polling for INT_STATUS register for TOUCH DATA
Reading the TSC_DATA at approximately the same timing. (Use “Data Valid Status
Read” option in this mode)
2.
Data acquisition triggered by a write to “ACQ” bit:
As and when sampling is desired, host writes to the ACQ bit and:
Poll the ACQ to wait for completion
Wait for INT for Touch Data access
Poll the FIFO after approximate time required for sampling. (Use “Data Valid
Status Read” option in this mode)
3.
Data acquisition using host-controlled sampling rate control
The host sets the internal timer for the desired data-rate. On staring the touchscreen
controller in this mode, a complete set of sample is taken immediately. The touchscreen
controller enters in hibernate mode (clock is turned OFF, only monitors the PEN-DOWN
status). When system host reads the Touch Data available in FIFO, another set of data is
taken immediately.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com