Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 28Page - STMicroelectronics STMPE812 Datasheet HTML 29Page - STMicroelectronics STMPE812 Datasheet HTML 30Page - STMicroelectronics STMPE812 Datasheet HTML 31Page - STMicroelectronics STMPE812 Datasheet HTML 32Page - STMicroelectronics STMPE812 Datasheet HTML 33Page - STMicroelectronics STMPE812 Datasheet HTML 34Page - STMicroelectronics STMPE812 Datasheet HTML 35Page - STMicroelectronics STMPE812 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Touchscreen controller
STMPE812
32/51
Doc ID 17732 Rev 3
TSC CTRL
TSC control register
Address:
0x40
Type:
R/W
Reset:
0x00
Description:
Touchscreen control register.
7654
3
2
1
0
MAV_MODE[2:0]
ACQ
Precharge[1:0]
Current Limit [1:0]
00
0
0
[7:5] MAV_MODE[2:0]
‘000’ – MAV Filter Disabled
‘001’ – 6 remove 2
‘010’ – 8 remove 4
‘011’ – 10 remove 2
‘100’ – 12 remove 4
‘101’ – 20 remove 4
‘110’ – 4 remove none (Equal to 4x oversampling)
‘111’ – 8 remove none (Equal to 8x oversampling)
[4] ACQ
Only valid in acquisition mode ‘01’ (acquisition initiated by system host writing to ACQ bit)
Writing ‘1’ to this bit initiates a TSC data acquisition
Writing ‘0’ has no effect
Reads ‘1’ if data acquisition is in progress
Reads ‘0’ if data is ready
If Data is already available in buffer and not read by system host, setting this bit to ‘1’ renders
the data in buffer “invalid”. DATA available bit in Interrupt Status register is reset by hardware
automatically. Pending interrupt due to DATA available (if any) is cleared.
Data pointer in multi-byte read operation is reset when this bit is written to.
[3:2] Precharge[1:0]
Pre-charge driver for touch detection
‘00’ – no pre-charge
‘01’ – 2 µs pre-charge
‘10’ – 4 µs pre-charge
‘11’ – 8 µs pre-charge
[1:0] Current Limit [1:0]
Current limit of touchscreen driver
‘00’ – 5 mA
‘01’ – 10 mA
‘10’ – 20 mA
‘11’ – 30 mA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com