Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 30Page - STMicroelectronics STMPE812 Datasheet HTML 31Page - STMicroelectronics STMPE812 Datasheet HTML 32Page - STMicroelectronics STMPE812 Datasheet HTML 33Page - STMicroelectronics STMPE812 Datasheet HTML 34Page - STMicroelectronics STMPE812 Datasheet HTML 35Page - STMicroelectronics STMPE812 Datasheet HTML 36Page - STMicroelectronics STMPE812 Datasheet HTML 37Page - STMicroelectronics STMPE812 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Touchscreen controller
STMPE812
34/51
Doc ID 17732 Rev 3
TSC_DET_CFG2
TSC detection configuration 2 register
Address:
0x42
Type:
R/W
Reset:
0xB0
Description:
Touchscreen controller detection configuration 2 register.
7654
3
2
1
0
Acq_Mode
StatusRead
OpMode
Z-Divider[3:0]
1011
0
0
0
0
[7:6] Acq_Mode
‘00’ – Data acquisition timed by internal timer
‘01’ – Data acquisition triggered by a write to “ACQ” bit
‘10’ – Data acquisition using Host-Controlled Sampling Rate Control. (Default)
‘11’ – Reserved
In mode ‘10’, device sample a complete data set every time host accesses the buffer. After
completion of sampling, device enters hibernate mode, until data is accessed again. (Or PEN-
UP causing interrupt to de-assert)
[5] StatusRead
‘1’ will insert data valid (data available) status read in data port.
Reading data port in this mode will clear the ISR register
‘0’ – no data valid (data available) status access by data port
[4] OpMode
TSC operating mode
‘0’ for 12-bit X,12-bit Y,8-bit Z acquisition
‘1’ for 12-bit X, 12-bit Y only (Default)
This field cannot be written on, when EN=1
[3:0] Z-Divider[3:0]
Pen-Pressure is internally calculated as a 16-bit integer. As 16-bit resolution is typically not
required for touchscreen operation, STMPE812 right-shifts the value internally by Z-
Divider[3:0].
Z-value read through the TSC Data register is the lowest 8-bit of the shifted value.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com