Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STMPE812
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 29Page - STMicroelectronics STMPE812 Datasheet HTML 30Page - STMicroelectronics STMPE812 Datasheet HTML 31Page - STMicroelectronics STMPE812 Datasheet HTML 32Page - STMicroelectronics STMPE812 Datasheet HTML 33Page - STMicroelectronics STMPE812 Datasheet HTML 34Page - STMicroelectronics STMPE812 Datasheet HTML 35Page - STMicroelectronics STMPE812 Datasheet HTML 36Page - STMicroelectronics STMPE812 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
STMPE812
Touchscreen controller
Doc ID 17732 Rev 3
33/51
TSC detect config
TSC detection configuration 1 register
Address:
0x41
Type:
R/W
Reset:
0xA4
Description:
Touchscreen controller detection configuration 1 register.
7654
3
2
1
0
PenStrength[1:0]
TDetDly[2:0]
Settling[2:0]
1010
0
1
0
0
[7:6] PenStrength[1:0]
Pen detect strength threshold
‘00’ – least sensitive (50 K pull-up)
‘01’ – sensitive (40 K pull-up)
‘10’ – more sensitive (30 K pull-up) - Default
‘11’ – most sensitive (20 K pull-up)
[5:3] TDetDly[2:0]
Touch detect delay
‘000’ = 40 µs
‘001’ = 80 µs
‘010’ = 160 µs
‘011’ = 320 µs
‘100’ = 640 µs - Default
‘101’ = 1.28 ms
‘110’ = 2.56 ms
‘111’ = 5.12 ms
[2:0] Settling[2:0]
Panel driver settling time
‘000’ = 40 µs
‘001’ = 80 µs
‘010’ = 160 µs
‘011’ = 320 µs/ns
‘100’ = 640 µs - Default
‘101’ = 1.28 ms
‘110’ = 2.56 ms
‘111’ = 5.12 ms
For large panels (> 6 inches), a capacitor of 10 nF is recommended at the touchscreen
terminals for noise filtering. In this case, settling time of 1 ms or more is recommended.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com