Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC6 Datasheet(PDF) 1 Page - Littelfuse

Part # LLC6
Description  Low Level Cutoff Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC6 Datasheet(HTML) 1 Page - Littelfuse

  LLC6 Datasheet HTML 1Page - Littelfuse LLC6 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/llc6
LLC6 SERIES
Description
The LLC6 Series is a plug-in, single-probe conductive liquid
level control designed for low liquid level cutoff protection. It
offers a factory fixed time delay of 1 - 60s and is available in
input voltages of 24, 120, or 230VAC. LED indicator illuminates
whenever the LLC6’s 10A, SPDT output relay is energized.
Available with automatic/manual reset or a special manual reset
with power outage feature, which auto resets the unit when
power is restored and the water level is acceptable. 24VAC and
120VAC units are recognized as limit switches under UL353
(230VAC units are UL508) and CSA certified under Standard 14.
Operation
Automatic Reset (Reset terminals not connected): When
liquid rises to the low level cutoff probe, the output relay and
the LED indicator energize. When the liquid falls below low level
cutoff probe, the output relay and the LED indicator de-energize
after a fixed time delay.
Manual Reset (Reset switch connected): When the liquid
level falls below the low level probe, the output relay and LED
de-energize after a fixed time delay. When the liquid level rises
to the low level probe, the output relay and LED indicator remain
de-energized until the manual reset switch is opened; then they
energize immediately.
Power Outage Manual Reset (Reset switch connected): A
power outage causes the output relay and LED indicator to
de-energize. Upon restoration of power, if the liquid level is
above the low level probe, the output relay and LED indicator
will re-energize. If the liquid level is below the low level probe,
the output relay and LED indicator remain de-energized until the
Normally Closed (NC) reset switch is opened.
Features & Benefits
FEATURES
BENEFITS
Isolated 12VAC on probe
Prevents electrolysis
Industry standard 11-pin
octal plug connection
Eliminates need for special connectors
LED indication
Visual indication output relay is energized
Power outage protection
(see ordering table
for models)
Automatically resets the unit when power is
restored and the water level is acceptable
Wiring Diagram
Low Level Cutoff Liquid Level Controls
Ordering Information
MODEL
INPUT VOLTAGE
TIME DELAY
(FIXED)
SENSE
RESISTANCE
RESET
LLC6210F10M
24VAC
10s
10kΩ
Manual/Automatic
LLC6410F10M
120VAC
10s
10kΩ
Manual/Automatic
LLC643F26M
120VAC
3s
26kΩ
Manual/Automatic
LLC6610F5P
230VAC
10s
5kΩ
Power Outage Manual Reset
If you don’t find the part you need, call us for a custom product 800-843-8848
L1
N/L2
Metal Tank or use
additional Probe
PC = Probe
Common
P = Probe
V = Voltage
R = Optional NC
Reset Switch
Connect common
to conductive tank.
Additional probe is
necessary for
non-conductive or
insulated tanks.
11-PIN


Similar Part No. - LLC6

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC LINKCOM-LLC Datasheet
732Kb / 6P
Power Supply
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
FROST PROTECTION THERMOSTAT
logo
Inventronics Inc.
LLC-012S035RSP INVENTRONICS-LLC-012S035RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S050RSP INVENTRONICS-LLC-012S050RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S070RSP INVENTRONICS-LLC-012S070RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
More results

Similar Description - LLC6

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC4 LITTELFUSE-LLC4 Datasheet
450Kb / 2P
Octal Plug-In Liquid Level Controls
2017 Rev: 1-A-020817
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com