Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TL431
Description  TL431 Adjustable Reference Source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TL431 Datasheet(HTML) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TL431 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
† Data is applicable only within the recommended operating free-air
† Data is applicable only within the recommended operating free-air
temperature ranges of the various devices.
temperature ranges of the various devices.
Figure 8.
Figure 9.
Figure 10.
0
OFF-STATE CATHODE CURRENT
vs FREE-AIR TEMPERATURE†
0.5
1
1.5
2
2.5
VKA=36
V
-75
-50
-25
0
25
50
75
100
125
TA-FREE-AIR TEMPERATURE-℃
-1.45
RATIO DELTA REFERENCE VOLTAGE TO
DELTA CATHODE VOLTAGE vs
FREE-AIR TEMPERATURE †
-1.25
-1.15
-1.05
-0.95
-0.85
VKA=3V TO 36V
-75
-50
-25
0
25
50
75
100
125
TA-FREE-AIR TEMPERATURE-℃
100
EQUIVALENT INPUT NOISE VOLTAGE
VS FREQUENCY
120
140
160
180
200
220
240
260
IO=10㎃
TA=25℃
10
100
1K
10K
100K
f-FREQUENCY-㎐
-1.35
TL431
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Jan,2019 V1.0
5
$GMXVWDEOH5HIHUHQFH6RXUFH
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com