Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TL431
Description  TL431 Adjustable Reference Source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TL431 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TL431 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TL431
The TL431 is three-terminal adjustable shunt regulator
with specified termal stability.
The output voltage may be set to any value between
V REF(Approx. 2.5V) and 36V with two external resistors.
This device has a typical output inpedance of 0.2Ω.
Active output circuitry provides a very sharp turn-on
characteristic, making this device excellent
replacement for zener diodes in many application.
FEATURES
● Equivalent Full Range Temperature Coefficient 50PPM/℃
● Temperature Compensated For Operation Over
Full Rate Operating Temperature Range
● Adjustable Output Voltage
● Fast Turn-on Response
● Sink Current Capability 1㎃ to 100㎃
● Low (0.2Ω Typ.) Dynamic Output Impedance
● Low Output Noise
FUNCTION BLOCK DIAGRAM
2.495VREF
BLOCK DIAGRAM
REFERENCE
CATHODE
ANODE
REFERENCE(R)
ANODE(A)
CATHODE(K)
TO-92 (TOP VIEW)
1. REF
SOT-23
SOT-89
1.
2.
3.
1.
3.
2.
1.
2.
3.
2. ANODE
3. CATHODE
1. REF
2. ANODE
3. CATHODE
1. REF
3. ANODE
2. CATHODE
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
$GMXVWDEOH5HIHUHQFH6RXUFH
TL431
ADJUSTABLE ACCURATE REFERENCE SOURCE
www.sztuofeng.com
1
Jan,2019 V1.0
MARKING
TO-92
SOT-23
SOT-89
TF/TL431/A817 w
TF/TL431/A818 w
431
w
431 w
*w:week code


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV431LT1 AVICTEK-AV431LT1 Datasheet
208Kb / 4P
Adjustable Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com