Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 11 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TL431
Description  TL431 Adjustable Reference Source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TL431 Datasheet(HTML) 11 Page - Shenzhen Tuofeng Semiconductor Technology Co

Back Button TL431 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 10Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 11Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 12Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 13Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 14Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 15Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
APPLICATION INFORMATION
NOTE A : R3 and R4 are selected to provide the desired LED intensity and cathode current ≥1㎃
to the TL431 at the available VI(BATT).
Figure 24. Voltage Monitor
Figure 25. Delay Timer
Figure 26. Precision Current Limiter
TL431
VI(BATT)
OUT
R1A
R1B
R2B
650Ω
R2A
R3
(SEE NOTE A)
R4
(SEE NOTE A)
LOW LIMIT=
VREF
R1B
R2B
(1+
)
HIGH LIMIT=
VREF
R1A
R2A
(1+
)
LED ON WHEN LOW LIMIT<<VI(BATT)<HIGH LIMIT
12V
R
C
ON
OFF
2㏀
TL431
DELAY=RxCxIN
12V
12V-VREF
(
)
TL431
VI(BATT)
IO
RCL
0.1%
IOUT=
VREF
RCL
+ IKA
R1 =
VI(BATT)
IO
HFE
+ IKA
R1
TL431
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Jan,2019 V1.0
11
$GMXVWDEOH5HIHUHQFH6RXUFH
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com