Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 10 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TL431
Description  TL431 Adjustable Reference Source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TL431 Datasheet(HTML) 10 Page - Shenzhen Tuofeng Semiconductor Technology Co

Back Button TL431 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 10Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 11Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 12Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 13Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 14Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
APPLICATION INFORMATION
Figure 21. Precision 5-V 1.5A Regulator
NOTE A : RB Should provide cathode current≥1㎃ to the TL431.
Figure 22. Efficient 5-V Precision Regulator
Figure 23. PWM Converter With Reference
TL431
~
~ 5V, 1.5A
VO
TL431
VI(BATT)
RB
(SEE NOTE A)
27.4㏁
0.1%
VO
LM317
VI(BATT)
IN
OUT
8.2㏀
243Ω
0.1%
243Ω
0.1%
Adjust
~
~ 5V
27.4㏁
0.1%
TL431
6.8㏁
5V
10㏁
10㏁
0.1%
10㏁
0.1%
-
+
FEED BACK
X
NOT
USED
TL598
12V
TL431
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Jan,2019 V1.0
10
$GMXVWDEOH5HIHUHQFH6RXUFH
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com