Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TL431
Description  TL431 Adjustable Reference Source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TL431 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TL431 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co TL431 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
(Full Operating Ambient Temperature Range Applies Unless Otherwise Noted)
CHARACTERISTIC
Cathode Voltage
Continuous Cathode Current Range
Reference Input Current Range
Junction Temperature
Operating Temperature
Storage Temperature
Total Power Dissipation
RATING
37
SYMBOL
-100~+150
0.05~10
㎃
-20 ~ 85
UNIT
VKA
IKA
V
㎃
IREF
TJ
150
℃
℃
℃
㎽
PD
TOPR
TSTG
-65 ~ 150
700
TL431
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
2
Jan,2019 V1.0
ELECTRICAL CHARACTERISTIC (TA=25℃, unless otherwise specified)
Deviation of Reference
VKA=VREF, IK=10㎃
Input Voltage Over
TA=Full Range
Full Temperature Range
Ratio of Change in
Reference Input Voltage
to the Change in Cathod
Voltage
Reference Input Current
IKA=10㎃, R1=10㏀, R2=∞
Deviation of Reference
IK=10㎃, R1=10㏀, R2=∞
Input Current Over Full
TA=Full Range
Temperature Range
Minimum Cathode
ΔVKA=VREF
Current for Regulation
Off-State Cathode
VKA=36V, VREF=0
Current
Dynamic Impedance
VKA=VREF, IK=1㎃~100㎃,
f≤1㎑
ZKA
1
0.2
0.5
㎃
㎂
Ω
IKAOFF
3
0.2
1
IKAMIN
1
0.5
1
㎂
㎂
㎷/V
1.2
4
-2
ΔIREF/ΔT
2
0.4
ΔVREF/ΔVKA
2
IK=10㎃
IREF
2
1.8
ΔVKA=10V-VREF
ΔVKA=36V-10V
㎷
-1.4
-2.7
-1
ΔVREF/ΔT
13
17
UNIT
CHARACTERISTIC
SYMBOL CIR-CUIT
TEST CONDITION
MIN.
TYP.
MAX.
Rank
0.5%
1%
Range
2.482-2.507
2.470-2.520
CLASSIFICATION OF VREF
0.3%
2.487-2.502
TYP.
$GMXVWDEOH5HIHUHQFH6RXUFH
TL431
2.495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com