Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155EB Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14155EB
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155EB Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC14155EB Datasheet HTML 11Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 12Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 13Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 14Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 15Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 16Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 17Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 18Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Applications Information (Continued)
analog circuitry, degrading dynamic performance. Adequate
bypassing, limiting output capacitance and careful attention
to the ground plane will reduce this problem. Additionally,
bus capacitance beyond the specified 5 pF/pin will cause t
OD
to increase, reducing the setup and hold time of the ADC
output data. The result could be an apparent reduction in
dynamic performance.
To minimize noise due to output switching, minimize the load
currents at the digital outputs. This can be done by connect-
ing
a
1.8V
to
3.3V
level
translator
such
as
the
SN74AVCA164245 between the ADC outputs and any other
circuitry. Only one load should be connected to each output
pin. Additionally, inserting series resistors of about 22
Ω at
the digital outputs, close to the ADC pins, will isolate the
outputs from trace and other circuit capacitances and limit
the output currents, which could otherwise result in perfor-
mance degradation. See Figure 4.
5.0 POWER SUPPLY CONSIDERATIONS
The power supply pins should be bypassed with a 0.1 µF
capacitor and with a 100 pF ceramic chip capacitor close to
each power pin. Leadless chip capacitors are preferred be-
cause they have low series inductance.
As is the case with all high-speed converters, the ADC14155
is sensitive to power supply noise. Accordingly, the noise on
the analog supply pin should be kept below 100 mV
P-P.
No pin should ever have a voltage on it that is in excess of
the supply voltages, not even on a transient basis. Be espe-
cially careful of this during power turn on and turn off.
The V
DR pin provides power for the output drivers and may
be operated from a supply in the range of 1.6V to 2.0V. This
enables lower power operation, reduces the noise coupling
effects from the digital outputs to the analog circuitry and
simplifies interfacing to lower voltage devices and systems.
Note, however, that t
OD increases with reduced VDR. Also
note that a level translator may be required.
6.0 LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are es-
sential to ensure accurate conversion. Maintaining separate
analog and digital areas of the board, with the ADC14155
between these areas, is required to achieve specified per-
formance.
The ground return for the data outputs (DRGND) carries the
ground current for the output drivers. The output current can
exhibit high transients that could add noise to the conversion
process. To prevent this from happening, the DRGND pins
should NOT be connected to system ground in close prox-
imity to any of the ADC14155’s other ground pins.
Capacitive coupling between the typically noisy digital cir-
cuitry and the sensitive analog circuitry can lead to poor
performance. The solution is to keep the analog circuitry
separated from the digital circuitry, and to keep the clock line
as short as possible.
The effects of the noise generated from the ADC output
switching can be minimized through the use of 22
Ω resistors
in series with each data output line. Locate these resistors as
close to the ADC output pins as possible.
Since digital switching transients are composed largely of
high frequency components, total ground plane copper
20179013
FIGURE 4. Application Circuit using Transformer Drive Circuit
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com