Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155EB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14155EB
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155EB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC14155EB Datasheet HTML 1Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 2Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 3Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 4Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 5Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 6Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 7Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 8Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
8
CLK_SEL/DF
This is a four-state pin controlling the input clock mode and
output data format.
CLK_SEL/DF = V
A, CLK+ and CLK− are configured as a
differential clock input. The output data format is 2’s
complement.
CLK_SEL/DF = (2/3)*V
A, CLK+ and CLK− are configured as a
differential clock input. The output data format is offset binary.
CLK_SEL/DF = (1/3)*V
A, CLK+ is configured as a single-ended
clock input and CLK− should be tied to AGND. The output data
format is 2’s complement.
CLK_SEL/DF = AGND, CLK+ is configured as a single-ended
clock input and CLK− should be tied to AGND. The output data
format is offset binary.
7PD
This is a two-state input controlling Power Down.
PD=V
A, Power Down is enabled. In the Power Down state
only the reference voltage circuitry remains active and power
dissipation is reduced.
PD = AGND, Normal operation.
17-24,
27-32
D0–D13
Digital data output pins that make up the 14-bit conversion
result. D0 (pin 17) is the LSB, while D13 (pin 32) is the MSB of
the output word. Output levels are CMOS compatible.
33
OVR
Over-Range Indicator. This output is set HIGH when a sample
amplitude exceeds the 14-bit conversion range (0 to 16383).
34
DRDY
Data Ready Strobe. This pin is used to clock the output data. It
has the same frequency as the sampling clock. One word of
data is output in each cycle of this signal. The rising edge of
this signal should be used to capture the output data.
ANALOG POWER
1, 6, 9, 37,
40, 41, 48
V
A
Positive analog supply pins. These pins should be connected
to a quiet +3.3V source and be bypassed to AGND with 100
pF and 0.1 µF capacitors located close to the power pins.
2, 5, 10, 38,
39, 42, 47
AGND
The ground return for the analog supply.
DIGITAL POWER
13
V
D
Positive digital supply pin. This pin should be connected to a
quiet +3.3V source and be bypassed to DGND with a 100 pF
and 0.1 µF capacitor located close to the power pin.
14
DGND
The ground return for the digital supply.
15, 25, 36
V
DR
Positive driver supply pin for the ADC14155’s output drivers.
This pin should be connected to a quiet voltage source of
+1.8V and be bypassed to DRGND with 100 pF and 0.1 µF
capacitors located close to the power pins.
16, 26, 35
DRGND
The ground return for the digital output driver supply. These
pins should be connected to the system digital ground, but not
be connected in close proximity to the ADC’s DGND or AGND
pins. See Section 6.0 (Layout and Grounding) for more details.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com