Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155EB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14155EB
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155EB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC14155EB Datasheet HTML 3Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 4Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 5Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 6Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 7Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 8Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 9Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 10Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Converter Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0V, V
A =VD = +3.3V, VDR = +1.8V,
Internal V
REF = +1.0V, fCLK = 155 MHz, VCM =VRM,tr =tf = TBD ns, CL = 5 pF/pin, Differential Clock Mode, Offset Binary For-
mat. Typical values are for T
A = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C (Notes
6, 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
C
IN
V
IN Input Capacitance (each pin to
GND) (Note 11)
V
IN = 1.5 Vdc
± 0.5 V
(CLK LOW)
9
pF
(CLK HIGH)
6
pF
V
REF
Reference Voltage (Note 12)
1.00
0.9
V (min)
1.1
V (max)
Reference Input Resistance
TBD
M
Ω (min)
Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0V, V
A =VD = +3.3V, VDR = +1.8V,
Internal V
REF = +1.0V, fCLK = 155 MHz, VCM =VRM,tr =tf = TBD ns, CL = 5 pF/pin, Differential Clock Mode, Offset Binary For-
mat. Typical values are for T
A = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C (Note
6) (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note
9)
Limits
(Note
9)
Units
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS, A
IN = -1dBFS
FPBW
Full Power Bandwidth
-1 dBFS Input, −3 dB Corner
1.1
GHz
SNR
Signal-to-Noise Ratio
f
IN = 10 MHz
72.3
dBFS
f
IN = 70 MHz
71.4
TBD
dBFS
f
IN = 169 MHz
71.0
dBFS
f
IN = 238 MHz
70.4
dBFS
f
IN = 398 MHz
TBD
dBFS
SFDR
Spurious Free Dynamic Range
f
IN = 10 MHz
87.0
dBFS
f
IN = 70 MHz
85.3
TBD
dBFS
f
IN = 169 MHz
80.0
dBFS
f
IN = 238 MHz
76.2
dBFS
f
IN = 398 MHz
TBD
dBFS
ENOB
Effective Number of Bits
f
IN = 10 MHz
11.7
Bits
f
IN = 70 MHz
11.5
TBD
Bits
f
IN = 169 MHz
11.2
Bits
f
IN = 238 MHz
11.0
Bits
f
IN = 398 MHz
TBD
Bits
THD
Total Harmonic Disortion
f
IN = 10 MHz
82.4
dBFS
f
IN = 70 MHz
80.3
TBD
dBFS
f
IN = 169 MHz
77.1
dBFS
f
IN = 238 MHz
71.9
dBFS
f
IN = 398 MHz
TBD
dBFS
H2
Second Harmonic Distortion
f
IN = 10 MHz
91.2
dBFS
f
IN = 70 MHz
92.4
dBFS
f
IN = 169 MHz
80.1
dBFS
f
IN = 238 MHz
76.3
dBFS
f
IN = 398 MHz
TBD
dBFS
H3
Third Harmonic Distortion
f
IN = 10 MHz
87.1
dBFS
f
IN = 70 MHz
85.2
dBFS
f
IN = 169 MHz
83.6
dBFS
f
IN = 238 MHz
83.4
dBFS
f
IN = 398 MHz
TBD
dBFS
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com