Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155EB Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14155EB
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155EB Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC14155EB Datasheet HTML 10Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 11Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 12Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 13Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 14Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 15Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 16Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 17Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Functional Description
Operating on dual +3.3V and +1.8V supplies, the ADC14155
digitizes a differential analog input signal to 14 bits, using a
differential pipelined architecture with error correction cir-
cuitry and an on-chip sample-and-hold circuit to ensure
maximum performance.
The user has the choice of using an internal 1.0V stable
reference, or using an external reference. The ADC14155
will accept an external reference between 0.8V and 1.2V
(1.0V recommended) which is buffered on-chip to ease the
task of driving that pin. The +1.8V output driver supply
reduces power consumption and decreases the noise at the
output of the converter.
The quad state function pin CLK_SEL/DF (pin 8) allows the
user to choose between using a single-ended or a differen-
tial clock input and between offset binary or 2’s complement
output data format. The digital outputs are CMOS compatible
signals that are clocked by a synchronous data ready output
signal (DRDY, pin 34) at the same rate as the clock input. For
the ADC14155 the clock frequency can be between 5 MSPS
and 155 MSPS (typical) with fully specified performance at
155 MSPS. The analog input is acquired at the falling edge
of the clock and the digital data for a given sample is output
on the falling edge of the DRDY signal and is delayed by the
pipeline for 8 clock cycles. The data should be captured on
the rising edge of the DRDY signal.
Power-down is selectable using the PD pin (pin 7). A logic
high on the PD pin disables everything except the voltage
reference circuitry and reduces the converter power con-
sumption to 5 mW with no clock running. For normal opera-
tion, the PD pin should be connected to the analog ground
(AGND). A duty cycle stabilizer maintains performance over
a wide range of clock duty cycles.
Applications Information
1.0 OPERATING CONDITIONS
We recommend that the following conditions be observed for
operation of the ADC14155:
3.0V
≤ V
A
≤ 3.6V
V
D =VA
V
DR = 1.8V
5 MHz
≤ f
CLK
≤ 155 MHz
1.0V internal reference
0.9V
≤ V
REF
≤ 1.1V (for an external reference)
V
CM = 1.5V (from VRM)
2.0 ANALOG INPUTS
2.1 Signal Inputs
2.1.1 Differential Analog Input Pins
The ADC14155 has one pair of analog signal input pins,
V
IN+ and VIN−, which form a differential input pair. The input
signal, V
IN, is defined as
V
IN =(VIN+) – (VIN−)
Figure 2 shows the expected input signal range. Note that
the common mode input voltage, V
CM, should be 1.5V. Using
V
RM (pin 45) for VCM will ensure the proper input common
mode level for the analog input signal. The peaks of the
individual input signals should each never exceed 2.6V.
Each analog input pin of the differential pair should have a
peak-to-peak voltage equal to the reference voltage, V
REF,
be 180˚ out of phase with each other and be centered
around V
CM.The peak-to-peak voltage swing at each analog
input pin should not exceed the value of the reference volt-
age or the output data will be clipped.
For single frequency sine waves the full scale error in LSB
can be described as approximately
E
FS = 16384(1-sin (90˚ + dev))
Where dev is the angular difference in degrees between the
two signals having a 180˚ relative phase relationship to each
other (see Figure 3). For single frequency inputs, angular
errors result in a reduction of the effective full scale input. For
complex waveforms, however, angular errors will result in
distortion.
It is recommended to drive the analog inputs with a source
impedance less than 100
Ω. Matching the source impedance
for the differential inputs will improve even ordered harmonic
performance (particularly second harmonic).
Table 1 indicates the input to output relationship of the
ADC14155.
20179015
FIGURE 2. Expected Input Signal Range
20179016
FIGURE 3. Angular Errors Between the Two Input
Signals Will Reduce the Output Level or Cause
Distortion
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com