Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155EB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14155EB
Description  14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14155EB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC14155EB Datasheet HTML 1Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 2Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 3Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 4Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 5Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 6Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 7Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 8Page - National Semiconductor (TI) ADC14155EB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
3V
IN−
Differential analog input pins. The differential full-scale input
signal level is two times the reference voltage with each input
pin signal centered on a common mode voltage, V
CM.
4V
IN+
43
V
RP
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 0.1 µF capacitor placed very
close to the pin to minimize stray inductance. A 0.1 µF
capacitor should be placed between V
RP and VRN as close to
the pins as possible, and a 10 µF capacitor should be placed
in parallel.
V
RP and VRN should not be loaded. VRM may be loaded to
1mA for use as a temperature stable 1.5V reference.
It is recommended to use V
RM to provide the common mode
voltage, V
CM, for the differential analog inputs, VIN+ and VIN−.
45
V
RM
44
V
RN
46
V
REF
This pin can be used as either the +1.0V internal reference
voltage output (internal reference operation) or as the external
reference voltage input (external reference operation).
To use the internal reference, V
REF should be decoupled to
AGND with a 0.1 µF, low equivalent series inductance (ESL)
capacitor. In this mode, V
REF defaults as the output for the
internal 1.0V reference.
To use an external reference, overdrive this pin with a low
noise external reference voltage. The output impedance of the
internal reference at this pin is 9k
Ω. Therefore, to overdrive this
pin, the impedance of the external reference source should be
<< 9k
Ω.
This pin should not be used to source or sink current.
The full scale differential input voltage range is2*V
REF.
DIGITAL I/O
11
CLK+
The clock input pins can be configured to accept either a
single-ended or a differential clock input signal.
When the single-ended clock mode is selected through
CLK_SEL/DF (pin 8), connect the clock input signal to the
CLK+ pin and connect the CLK− pin to AGND.
When the differential clock mode is selected through
CLK_SEL/DF (pin 8), connect the positive and negative clock
inputs to the CLK+ and CLK− pins, respectively.
The analog input is sampled on the falling edge of the clock
input.
12
CLK−
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com