Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA7ES Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 27Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 28Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 29Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 30Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 31Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 34Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
14.4 SW1 and SW2 switching frequency selection
The switching frequencies of SW1 and SW2 are derived from the 20 MHz clock. SW1
and SW2 use clock pulses that are shifted by one 20 MHz clock period (50 ns) with
respect to each other to allow interleaving of the switching edges.
The 20 MHz clock is divided internally to form CLK1 and CLK2 as shown in the block
diagram.
CLK1 uses a divide ratio of 8 if OTP_CLK1_DIV = 0 and a divide ratio of 9 if
OTP_CLK1_DIV = 1.
CLK2 uses a divide ratio of 48 if OTP_CLK2_DIV = 0 and a divide ratio of 64 if
OTP_CLK2_DIV = 1.
Using the OTP_SW1_CLKSEL and OTP_SW2_CLKSEL, switching frequency SW1 and
SW2 regulators can be assigned to either CLK1 or CLK2. Refer to the table below for the
available combinations.
OTP_SW1/2_CLKSEL
selection
Switching frequency
OTP_SW1_CLKSEL = 0;
OTP_SW2_CLKSEL = 0;
Switching frequency
OTP_SW1_CLKSEL = 1;
OTP_SW2_CLKSEL = 1;
CLK1/CLK2 Selection
OTP_CLK1_DIV = 0
OTP_CLK1_
DIV = 1
OTP_CLK2_DIV = 0
OTP_CLK2_DIV = 1
SW1/SW2 Fsw at 16 MHz
clock
2.0000 MHz
1.7778 MHz
0.3333 MHz
0.25 MHz
SW1/SW2 Fsw at 17 MHz
clock
2.1250 MHz
1.8889 MHz
0.3542 MHz
0.265625 MHz
SW1/SW2 Fsw at 18 MHz
clock
2.2500 MHz
2.0000 MHz
0.3570 MHz
0.28125 MHz
SW1/SW2 Fsw at 19 MHz
clock
2.375 MHz
2.1111 MHz
0.3958 MHz
0.296875 MHz
SW1/SW2 Fsw at 20 MHz
clock
2.5000 MHz
2.2222 MHz
0.4167 MHz
0.3125 MHz
SW1/SW2 Fsw at 21 MHz
clock
2.6250 MHz
2.3333 MHz
0.4375 MHz
0.328125 MHz
SW1/SW2 Fsw at 22 MHz
clock
2.7500 MHz
2.4444 MHz
0.4583 MHz
0.34375 MHz
SW1/SW2 Fsw at 23 MHz
clock
2.8750 MHz
2.5556 MHz
0.4792 MHz
0.359375 MHz
SW1/SW2 Fsw at 24 MHz
clock
3.0000 MHz
2.6667 MHz
0.500 MHz
0.375 MHz
Table 29. SW1 and SW2 switching frequency selection
14.5 External clock synchronization
The MODE/SYNCIN pin can be configured as SYNCIN via OTP by setting
OTP_MODE_SYNCINB = 0. SYNCIN can be used to synchronize the FS5600 to an
external clock source. The FS5600 can use either the internal high frequency oscillator or
the SYNCIN pin as its source based on the validity of the external clock.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
31 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com